Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1888JSTZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD1888JSTZ-REEL
Description  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1888JSTZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1888JSTZ-REEL Datasheet HTML 3Page - Analog Devices AD1888JSTZ-REEL Datasheet HTML 4Page - Analog Devices AD1888JSTZ-REEL Datasheet HTML 5Page - Analog Devices AD1888JSTZ-REEL Datasheet HTML 6Page - Analog Devices AD1888JSTZ-REEL Datasheet HTML 7Page - Analog Devices AD1888JSTZ-REEL Datasheet HTML 8Page - Analog Devices AD1888JSTZ-REEL Datasheet HTML 9Page - Analog Devices AD1888JSTZ-REEL Datasheet HTML 10Page - Analog Devices AD1888JSTZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
REV. 0
AD1888
–7–
PIN FUNCTION DESCRIPTIONS
Pin Number
Mnemonic
I/O
Function
DIGITAL INPUT/OUTPUT
2
XTL_IN
I
Crystal Input (24.576 MHz) or External Clock In (24.576 MHz,
14.31818 MHz, or 48000 MHz).
3
XTL_OUT
O
Crystal Output.
5
SDATA_OUT
I
AC-Link Serial Data Output. AD1888 input stream.
6
BIT_CLK
O/I
AC-Link Bit Clock. 12.288 MHz serial data clock. (Input pin for
Secondary mode only.)
8
SDATA_IN
O
AC-Link Serial Data Input. AD1888 output stream.
10
SYNC
I
AC-Link Frame Sync.
11
RESET
I
AC-Link Reset. AD1888 master H/W reset.
48
SPDIF
O
SPDIF Output.
CHIP SELECTS/CLOCK STRAPPING
45
ID0
IChip Select Input 0 (Active Low).
46
ID1
IChip Select Input 1 (Active Low).
JACK SENSE AND EAPD
47
EAPD
O
EAPD Output.
17
JS0
I
Jack Sense 0 Input.
16
JS1
I
Jack Sense 1 Input.
PIN CONFIGURATION
48-Lead LQFP
1
2
3
4
5
6
7
8
9
10
11
12
DVDD1
XTL_IN
XTL_OUT
DVSS1
SDATA_OUT
BIT_CLK
DVSS2
SDATA_IN
DVDD2
SYNC
RESET
NC
36
35
34
33
32
31
30
29
28
27
26
25
LINE_OUT_R (FRONT_R)
LINE_OUT_L (FRONT_L)
AVDD4
AVSS4
LFE_OUT
CENTER_OUT
AFILT2
AFILT1
VREFOUT
VREF
AVSS1
AVDD1
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
AD1888
TOP VIEW
(Not to Scale)
NC = NO CONNECT


Similar Part No. - AD1888JSTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1888JSTZ-REEL AD-AD1888JSTZ-REEL Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results

Similar Description - AD1888JSTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com