Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ3425EV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQ3425EV
Description  Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ3425EV Datasheet(HTML) 1 Page - Vishay Siliconix

  SQ3425EV Datasheet HTML 1Page - Vishay Siliconix SQ3425EV Datasheet HTML 2Page - Vishay Siliconix SQ3425EV Datasheet HTML 3Page - Vishay Siliconix SQ3425EV Datasheet HTML 4Page - Vishay Siliconix SQ3425EV Datasheet HTML 5Page - Vishay Siliconix SQ3425EV Datasheet HTML 6Page - Vishay Siliconix SQ3425EV Datasheet HTML 7Page - Vishay Siliconix SQ3425EV Datasheet HTML 8Page - Vishay Siliconix SQ3425EV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SQ3427AEEV
www.vishay.com
Vishay Siliconix
S15-1676-Rev. A, 16-Jul-15
1
Document Number: 65333
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Marking Code: 8Y
FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified c
• 100 % Rg and UIS tested
• Typical ESD protection 800 V
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. When mounted on 1" square PCB (FR4 material).
c. Parametric verification ongoing.
PRODUCT SUMMARY
VDS (V)
-60
RDS(on) () at VGS = -10 V
0.095
RDS(on) () at VGS = -4.5 V
0.135
ID (A)
-5.3
Configuration
Single
Package
TSOP-6
P-Channel MOSFET
(4) S
(1, 2, 5, 6) D
(3) G
Top View
TSOP-6 Single
1
D
2
D
3
G
D
6
D
5
S
4
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °C
ID
-5.3
A
TC = 125 °C
-3
Continuous Source Current (Diode Conduction)
IS
-6.3
Pulsed Drain Current a
IDM
-21
Single Pulse Avalanche Current
L = 0.1 mH
IAS
-21
Single Pulse Avalanche Energy
EAS
22
mJ
Maximum Power Dissipation a
TC = 25 °C
PD
5
W
TC = 125 °C
1.6
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mount b
RthJA
110
°C/W
Junction-to-Foot (Drain)
RthJF
30


Similar Part No. - SQ3425EV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3425EV VISHAY-SQ3425EV Datasheet
271Kb / 12P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 12-Oct-15
SQ3425EV VISHAY-SQ3425EV Datasheet
258Kb / 12P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQ3425EV VISHAY-SQ3425EV Datasheet
273Kb / 11P
   Automotive P-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ3425EV VISHAY-SQ3425EV Datasheet
305Kb / 9P
   Automotive P-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3425EV VISHAY-SQ3425EV_V01 Datasheet
273Kb / 11P
   Automotive P-Channel 20 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQ3425EV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
SQM120P06-07L VISHAY-SQM120P06-07L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P06-15L VISHAY-SQD50P06-15L_V02 Datasheet
155Kb / 8P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3427AEEV VISHAY-SQ3427AEEV_V02 Datasheet
292Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com