Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQD100N02-3m5L Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SQD100N02-3m5L
Description  Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD100N02-3m5L Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SQD100N02-3m5L Datasheet HTML 2Page - Vishay Siliconix SQD100N02-3m5L Datasheet HTML 3Page - Vishay Siliconix SQD100N02-3m5L Datasheet HTML 4Page - Vishay Siliconix SQD100N02-3m5L Datasheet HTML 5Page - Vishay Siliconix SQD100N02-3m5L Datasheet HTML 6Page - Vishay Siliconix SQD100N02-3m5L Datasheet HTML 7Page - Vishay Siliconix SQD100N02-3m5L Datasheet HTML 8Page - Vishay Siliconix SQD100N02-3m5L Datasheet HTML 9Page - Vishay Siliconix SQD100N02-3m5L Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Application Note 826
Vishay Siliconix
Document Number: 72594
www.vishay.com
Revision: 21-Jan-08
3
RECOMMENDED MINIMUM PADS FOR DPAK (TO-252)
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.224
(5.690)
0.180
(4.572)
0.055
(1.397)
Return to Index
Return to Index


Similar Part No. - SQD100N02-3m5L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD100N02-3m5L VISHAY-SQD100N02-3m5L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD100N02-3m5L VISHAY-SQD100N02-3m5L Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD100N02-3m5L VISHAY-SQD100N02-3m5L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD100N02-3m5L VISHAY-SQD100N02-3m5L Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD100N02-3m5L VISHAY-SQD100N02-3m5L Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
More results

Similar Description - SQD100N02-3m5L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA81EP VISHAY-SQJA81EP_V02 Datasheet
236Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ479EP VISHAY-SQJ479EP_V01 Datasheet
250Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM50P08-25L VISHAY-SQM50P08-25L_15 Datasheet
164Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ2337ES VISHAY-SQ2337ES Datasheet
242Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 20-May-13
SQD50P08-28 VISHAY-SQD50P08-28_15 Datasheet
186Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 10-Oct-11
SQM50P08-25L VISHAY-SQM50P08-25L Datasheet
164Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS181ELNW VISHAY-SQS181ELNW_V01 Datasheet
203Kb / 7P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P08-25L VISHAY-SQD50P08-25L_V02 Datasheet
169Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ181ELP VISHAY-SQJ181ELP_V01 Datasheet
182Kb / 6P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P08-25L VISHAY-SQD50P08-25L_15 Datasheet
170Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ469EP VISHAY-SQJ469EP_15 Datasheet
166Kb / 11P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com