Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQD100N04-3m6L Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQD100N04-3m6L
Description  Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD100N04-3m6L Datasheet(HTML) 4 Page - Vishay Siliconix

  SQD100N04-3m6L Datasheet HTML 1Page - Vishay Siliconix SQD100N04-3m6L Datasheet HTML 2Page - Vishay Siliconix SQD100N04-3m6L Datasheet HTML 3Page - Vishay Siliconix SQD100N04-3m6L Datasheet HTML 4Page - Vishay Siliconix SQD100N04-3m6L Datasheet HTML 5Page - Vishay Siliconix SQD100N04-3m6L Datasheet HTML 6Page - Vishay Siliconix SQD100N04-3m6L Datasheet HTML 7Page - Vishay Siliconix SQD100N04-3m6L Datasheet HTML 8Page - Vishay Siliconix SQD100N04-3m6L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SQD45P03-12
www.vishay.com
Vishay Siliconix
S12-2095-Rev. C, 03-Sep-12
4
Document Number: 65549
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Gate-to-Source Voltage
Capacitance
Gate Charge
Threshold Voltage
Drain Source Breakdown vs. Junction Temperature
0.00
0.02
0.04
0.06
0.08
0.10
0
2468
10
TJ = 25 °C
TJ = 150 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
1000
2000
3000
4000
5000
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
030
25
20
15
10
5
0
2
4
6
8
10
Qg - Total Gate Charge (nC)
VDS = 15 V
60
50
40
30
20
10
0
ID = 45 A
- 0.4
- 0.1
0.2
0.5
0.8
1.1
- 50
- 25
0
25
50
75
100
125
150
175
ID =250 µA
ID =5mA
TJ - Temperature (°C)
- 40
- 38
- 36
- 34
- 32
- 30
- 50
- 25
0
25
50
75
100
125
150
175
ID =10mA
TJ - Junction Temperature (°C)


Similar Part No. - SQD100N04-3m6L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD100N04-3m6L VISHAY-SQD100N04-3m6L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD100N04-3m6L VISHAY-SQD100N04-3m6L Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD100N04-3m6L VISHAY-SQD100N04-3m6L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD100N04-3m6L VISHAY-SQD100N04-3m6L Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQD100N04-3m6L VISHAY-SQD100N04-3m6L Datasheet
187Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
More results

Similar Description - SQD100N04-3m6L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4425EY VISHAY-SQ4425EY Datasheet
258Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ4431EY VISHAY-SQ4431EY_15 Datasheet
258Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ2303ES VISHAY-SQ2303ES_15 Datasheet
222Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQS423ENW VISHAY-SQS423ENW_V02 Datasheet
224Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA37EP VISHAY-SQJA37EP_V02 Datasheet
241Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA403EJ VISHAY-SQA403EJ_V02 Datasheet
273Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4435EY VISHAY-SQ4435EY_15 Datasheet
253Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ4483EY VISHAY-SQ4483EY_15 Datasheet
302Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 10-Aug-15
SQD50P03-07 VISHAY-SQD50P03-07_15 Datasheet
163Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ403EEP VISHAY-SQJ403EEP Datasheet
183Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com