Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQD23N06-31L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQD23N06-31L
Description  Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD23N06-31L Datasheet(HTML) 3 Page - Vishay Siliconix

  SQD23N06-31L Datasheet HTML 1Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 2Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 3Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 4Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 5Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 6Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 7Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 8Page - Vishay Siliconix SQD23N06-31L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SQD40P10-40L
www.vishay.com
Vishay Siliconix
S11-1559-Rev. B 22-Aug-11
3
Document Number: 67022
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Transconductance
Capacitance
0
8
16
24
32
40
0
2
4
6
8
10
V
DS -Drain-to-Source Voltage (V)
V
GS = 10 V thru 4 V
V
GS = 3 V
0
2
4
6
8
10
0
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0.00
0.02
0.04
0.06
0.08
0.10
0
8
16
24
32
40
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
8
16
24
32
40
0
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
0
20
40
60
80
100
0
10
20
30
40
50
I
D - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
1000
2000
3000
4000
5000
6000
7000
0
20
40
60
80
100
V
DS -Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


Similar Part No. - SQD23N06-31L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 24-Oct-11
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD23N06-31L VISHAY-SQD23N06-31L Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
More results

Similar Description - SQD23N06-31L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120P10-10M1L VISHAY-SQM120P10-10M1L_V02 Datasheet
201Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM100P10-19L VISHAY-SQM100P10-19L_V02 Datasheet
196Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS201CENW VISHAY-SQS201CENW_V01 Datasheet
189Kb / 6P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD40P10-40L VISHAY-SQD40P10-40L_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM100P10-19L VISHAY-SQM100P10-19L_15 Datasheet
196Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 14-Sep-15
SQM40P10-40L VISHAY-SQM40P10-40L Datasheet
161Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS201CENW VISHAY-SQS201CENW Datasheet
190Kb / 6P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM40P10-40L VISHAY-SQM40P10-40L_V01 Datasheet
160Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD40P10-40L VISHAY-SQD40P10-40L_15 Datasheet
162Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQJ211ELP VISHAY-SQJ211ELP_V02 Datasheet
247Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com