Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQD10N30-330H Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQD10N30-330H
Description  Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD10N30-330H Datasheet(HTML) 1 Page - Vishay Siliconix

  SQD10N30-330H Datasheet HTML 1Page - Vishay Siliconix SQD10N30-330H Datasheet HTML 2Page - Vishay Siliconix SQD10N30-330H Datasheet HTML 3Page - Vishay Siliconix SQD10N30-330H Datasheet HTML 4Page - Vishay Siliconix SQD10N30-330H Datasheet HTML 5Page - Vishay Siliconix SQD10N30-330H Datasheet HTML 6Page - Vishay Siliconix SQD10N30-330H Datasheet HTML 7Page - Vishay Siliconix SQD10N30-330H Datasheet HTML 8Page - Vishay Siliconix SQD10N30-330H Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SQD50P08-25L
www.vishay.com
Vishay Siliconix
S12-1846-Rev. B, 30-Jul-12
1
Document Number: 72217
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive P-Channel 80 V (D-S) 175 °C MOSFET
FEATURES
•TrenchFET® Power MOSFET
• AEC-Q101 Qualifiedd
•100 % Rg and UIS Tested
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR-4 material).
d. Parametric verification ongoing.
PRODUCT SUMMARY
VDS (V)
- 80
RDS(on) () at VGS = - 10 V
0.025
RDS(on) () at VGS = - 4.5 V
0.031
ID (A)
- 50
Configuration
Single
S
G
D
P-Channel MOSFET
TO-252
S
GD
Top View
Drain Connected to Tab
ORDERING INFORMATION
Package
TO-252
Lead (Pb)-free and Halogen-free
SQD50P08-25L-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 80
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °Ca
ID
- 50
A
TC = 125 °C
- 28
Continuous Source Current (Diode Conduction)a
IS
- 50
Pulsed Drain Currentb
IDM
- 120
Single Pulse Avalanche Current
L = 0.1 mH
IAS
- 45
Single Pulse Avalanche Energy
EAS
100
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
136
W
TC = 125 °C
45
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
50
°C/W
Junction-to-Case (Drain)
RthJC
1.1


Similar Part No. - SQD10N30-330H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD10N30-330H VISHAY-SQD10N30-330H Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD10N30-330H VISHAY-SQD10N30-330H Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD10N30-330H VISHAY-SQD10N30-330H Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD10N30-330H VISHAY-SQD10N30-330H Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD10N30-330H VISHAY-SQD10N30-330H Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
More results

Similar Description - SQD10N30-330H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA81EP VISHAY-SQJA81EP_V02 Datasheet
236Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ479EP VISHAY-SQJ479EP_V01 Datasheet
250Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM50P08-25L VISHAY-SQM50P08-25L_15 Datasheet
164Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ2337ES VISHAY-SQ2337ES Datasheet
242Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 20-May-13
SQD50P08-28 VISHAY-SQD50P08-28_15 Datasheet
186Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 10-Oct-11
SQM50P08-25L VISHAY-SQM50P08-25L Datasheet
164Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS181ELNW VISHAY-SQS181ELNW_V01 Datasheet
203Kb / 7P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P08-25L VISHAY-SQD50P08-25L_V02 Datasheet
169Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ181ELP VISHAY-SQJ181ELP_V01 Datasheet
182Kb / 6P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P08-25L VISHAY-SQD50P08-25L_15 Datasheet
170Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ469EP VISHAY-SQJ469EP_15 Datasheet
166Kb / 11P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com