Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQD25N15-52 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQD25N15-52
Description  Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD25N15-52 Datasheet(HTML) 2 Page - Vishay Siliconix

  SQD25N15-52 Datasheet HTML 1Page - Vishay Siliconix SQD25N15-52 Datasheet HTML 2Page - Vishay Siliconix SQD25N15-52 Datasheet HTML 3Page - Vishay Siliconix SQD25N15-52 Datasheet HTML 4Page - Vishay Siliconix SQD25N15-52 Datasheet HTML 5Page - Vishay Siliconix SQD25N15-52 Datasheet HTML 6Page - Vishay Siliconix SQD25N15-52 Datasheet HTML 7Page - Vishay Siliconix SQD25N15-52 Datasheet HTML 8Page - Vishay Siliconix SQD25N15-52 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQD40P10-40L
www.vishay.com
Vishay Siliconix
S11-1559-Rev. B 22-Aug-11
2
Document Number: 67022
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 μA
- 100
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.0
- 2.0
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 100 V
--
- 1
μA
VGS = 0 V
VDS = - 100 V, TJ = 125 °C
--
- 50
VGS = 0 V
VDS = - 100 V, TJ = 175 °C
-
-
- 250
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS- 5 V
- 30
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 9.2 A
-
0.033
0.040
VGS = - 10 V
ID = - 9.2 A, TJ = 125 °C
-
-
0.074
VGS = - 10 V
ID = - 9.2 A, TJ = 175 °C
-
-
0.093
VGS = - 4.5 V
ID = - 7.7 A
-
0.037
0.048
Forward Transconductanceb
gfs
VDS = - 15 V, ID = - 9.2 A
-35
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 25 V, f = 1 MHz
-
4433
5545
pF
Output Capacitance
Coss
-
301
380
Reverse Transfer Capacitance
Crss
-
208
260
Total Gate Chargec
Qg
VGS = - 10 V
VDS = - 50V, ID = - 9.2 A
-
96
144
nC
Gate-Source Chargec
Qgs
-8.4
-
Gate-Drain Chargec
Qgd
-
23.5
-
Gate Resistance
Rg
f = 1 MHz
1.5
3.13
4.7
Turn-On Delay Timec
td(on)
VDD = - 50 V, RL = 6.49 
ID  - 7.7 A, VGEN = - 10 V, Rg = 1.0 
-11
17
ns
Rise Timec
tr
-11
17
Turn-Off Delay Timec
td(off)
-
78
117
Fall Timec
tf
-15
23
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
-
-
- 150
A
Forward Voltage
VSD
IF = - 7.7 A, VGS = 0 V
-- 0.8
- 1.5
V


Similar Part No. - SQD25N15-52

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD25N15-52 VISHAY-SQD25N15-52 Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD25N15-52 VISHAY-SQD25N15-52 Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD25N15-52 VISHAY-SQD25N15-52 Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD25N15-52 VISHAY-SQD25N15-52 Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQD25N15-52 VISHAY-SQD25N15-52 Datasheet
187Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
More results

Similar Description - SQD25N15-52

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120P10-10M1L VISHAY-SQM120P10-10M1L_V02 Datasheet
201Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM100P10-19L VISHAY-SQM100P10-19L_V02 Datasheet
196Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS201CENW VISHAY-SQS201CENW_V01 Datasheet
189Kb / 6P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD40P10-40L VISHAY-SQD40P10-40L_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM100P10-19L VISHAY-SQM100P10-19L_15 Datasheet
196Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 14-Sep-15
SQM40P10-40L VISHAY-SQM40P10-40L Datasheet
161Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS201CENW VISHAY-SQS201CENW Datasheet
190Kb / 6P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM40P10-40L VISHAY-SQM40P10-40L_V01 Datasheet
160Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD40P10-40L VISHAY-SQD40P10-40L_15 Datasheet
162Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQJ211ELP VISHAY-SQJ211ELP_V02 Datasheet
247Kb / 9P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com