Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C223K1RACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C223K1RACAUTO
Description  Ceramic, AUTO-(CxxxxC-AUTO), 0.022 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C223K1RACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C223K1RACAUTO_17 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 24fed958-3761-4e2a-a24d-700cbaeb9ba6
KEMET Part Number: C0603C223K1RACAUTO
Ceramic, AUTO-(CxxxxC-AUTO), 0.022 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: AUTO-(CxxxxC-AUTO)
Chip Size: 0603
Description: SMD, MLCC, Temperature
Stable, Automotive Grade
Features: Temperature Stable, Automotive
Grade
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.022 uF
Capacitance Tolerance: 10%
Voltage DC: 100 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 45.45 GOhms
Dielectric Strength: 250 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C223K1RACAUTO_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C223K1RACAUTO KEMET-C0603C223K1RACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 0.022 uF, /-10% Tol, 100 V, X7R, 0603 (1608 metric)
More results

Similar Description - C0603C223K1RACAUTO_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C223K5RACAUTO KEMET-C0603C223K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.022 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C223K3RACAUTO KEMET-C0603C223K3RACAUTO_17 Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.022 uF, 10%, 25 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0805C223K1RACAUTO KEMET-C0805C223K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.022 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C103K1RACAUTO KEMET-C0603C103K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C473K1RACAUTO KEMET-C0603C473K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.047 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0402C223K4RACAUTO KEMET-C0402C223K4RACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.022 uF, 10%, 16 V, 0402, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0805C223K5RACAUTO KEMET-C0805C223K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.022 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1206C223K5RACAUTO KEMET-C1206C223K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.022 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1206C223K2RACAUTO KEMET-C1206C223K2RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.022 uF, 10%, 200 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C154K4RACAUTO KEMET-C0603C154K4RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.15 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com