Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQD45P03-12 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQD45P03-12
Description  Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD45P03-12 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SQD45P03-12 Datasheet HTML 2Page - Vishay Siliconix SQD45P03-12 Datasheet HTML 3Page - Vishay Siliconix SQD45P03-12 Datasheet HTML 4Page - Vishay Siliconix SQD45P03-12 Datasheet HTML 5Page - Vishay Siliconix SQD45P03-12 Datasheet HTML 6Page - Vishay Siliconix SQD45P03-12 Datasheet HTML 7Page - Vishay Siliconix SQD45P03-12 Datasheet HTML 8Page - Vishay Siliconix SQD45P03-12 Datasheet HTML 9Page - Vishay Siliconix SQD45P03-12 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SQD19P06-60L
www.vishay.com
Vishay Siliconix
S11-2065-Rev. C, 24-Oct-11
6
Document Number: 65158
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Case
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65158.
2
1
0.1
0.01
10-4
10-3
10-2
10-1
1
100
0.2
0.1
Duty Cycle = 0.5
Single Pulse
10
Square Wave Pulse Duration (s)
0.05
0.02


Similar Part No. - SQD45P03-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD45P03-12 VISHAY-SQD45P03-12 Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD45P03-12 VISHAY-SQD45P03-12 Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD45P03-12 VISHAY-SQD45P03-12 Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
SQD45P03-12 VISHAY-SQD45P03-12 Datasheet
182Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQD45P03-12 VISHAY-SQD45P03-12 Datasheet
187Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
More results

Similar Description - SQD45P03-12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
SQM120P06-07L VISHAY-SQM120P06-07L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P06-15L VISHAY-SQD50P06-15L_V02 Datasheet
155Kb / 8P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3427AEEV VISHAY-SQ3427AEEV_V02 Datasheet
292Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com