Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQD50P04-09L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQD50P04-09L
Description  Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD50P04-09L Datasheet(HTML) 2 Page - Vishay Siliconix

  SQD50P04-09L Datasheet HTML 1Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 2Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 3Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 4Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 5Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 6Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 7Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 8Page - Vishay Siliconix SQD50P04-09L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQD50P08-25L
www.vishay.com
Vishay Siliconix
S12-1846-Rev. B, 30-Jul-12
2
Document Number: 72217
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 μA
- 80
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.5
- 2.0
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 80 V
-
-
- 1
μA
VGS = 0 V
VDS = - 80 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 80 V, TJ = 175 °C
-
-
- 250
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS- 5 V
- 50
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 12.5 A
-
0.020
0.025
VGS = - 10 V
ID = - 12.5 A, TJ = 125 °C
-
-
0.044
VGS = - 10 V
ID = - 12.5 A, TJ = 175 °C
-
-
0.055
VGS = - 4.5 V
ID = - 10.5 A
-
0.025
0.031
Forward Transconductanceb
gfs
VDS = - 15 V, ID = - 12.5 A
-
38
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 25 V, f = 1 MHz
-
4279
5350
pF
Output Capacitance
Coss
-
356
445
Reverse Transfer Capacitance
Crss
-
239
300
Total Gate Chargec
Qg
VGS = - 10 V
VDS = - 40 V, ID = - 12.5 A
-
91
137
nC
Gate-Source Chargec
Qgs
-8.2
-
Gate-Drain Chargec
Qgd
-24
-
Gate Resistance
Rg
f = 1 MHz
1.60
3.26
5.00
Turn-On Delay Timec
td(on)
VDD = - 40 V, RL = 3.2 
ID  - 12.5 A, VGEN = - 10 V, Rg = 1 
-10
15
ns
Rise Timec
tr
-11
17
Turn-Off Delay Timec
td(off)
-
71
107
Fall Timec
tf
-16
24
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
-
-
- 120
A
Forward Voltage
VSD
IF = - 10.5 A, VGS = 0 V
-
- 0.82
- 1.5
V


Similar Part No. - SQD50P04-09L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
154Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
Rev. C, 24-Oct-11
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
179Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Oct-11
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
234Kb / 11P
   Automotive N-Channel 150 V (D-S) 175 °C MOSFET
Rev. G, 02-Nov-15
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
180Kb / 10P
   Automotive P-Channel 100 V (D-S) 175 °C MOSFET
Rev. B 22-Aug-11
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
179Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 03-Sep-12
More results

Similar Description - SQD50P04-09L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA81EP VISHAY-SQJA81EP_V02 Datasheet
236Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ479EP VISHAY-SQJ479EP_V01 Datasheet
250Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM50P08-25L VISHAY-SQM50P08-25L_15 Datasheet
164Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ2337ES VISHAY-SQ2337ES Datasheet
242Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 20-May-13
SQD50P08-28 VISHAY-SQD50P08-28_15 Datasheet
186Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 10-Oct-11
SQM50P08-25L VISHAY-SQM50P08-25L Datasheet
164Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS181ELNW VISHAY-SQS181ELNW_V01 Datasheet
203Kb / 7P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P08-25L VISHAY-SQD50P08-25L_V02 Datasheet
169Kb / 9P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ181ELP VISHAY-SQJ181ELP_V01 Datasheet
182Kb / 6P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50P08-25L VISHAY-SQD50P08-25L_15 Datasheet
170Kb / 10P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ469EP VISHAY-SQJ469EP_15 Datasheet
166Kb / 11P
   Automotive P-Channel 80 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com