Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805X474K5RACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805X474K5RACAUTO
Description  Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.47 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FT-CAP, Automotive Grade
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805X474K5RACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0805X474K5RACAUTO_17 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - d1910790-3fcd-4b3f-845c-f6708b1c2760
KEMET Part Number: C0805X474K5RACAUTO
Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.47 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FT-CAP, Automotive Grade
Dimensions
L
2mm +/-0.3mm
W
1.25mm +/-0.3mm
T
1mm +/-0.20mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2500
General Information
Style: SMD Chip
Series: AUTO-FlexTerm-(CxxxxX-AUTO)
Chip Size: 0805
Description: SMD, MLCC, FT-CAP,
Automotive Grade
Features: FT-CAP, Automotive Grade
RoHS: Yes
Termination: Flexible Termination
Marking: No
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.47 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 1.06 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805X474K5RACAUTO_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X474K5RACAUTO KEMET-C0805X474K5RACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Auto Grade, 0.47 uF, /-10% Tol, 50 V, X7R, 0805 (2012 metric)
More results

Similar Description - C0805X474K5RACAUTO_17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X104K5RACAUTO KEMET-C0805X104K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FT-CAP, Automotive Grade
C0805X104K1RACAUTO KEMET-C0805X104K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.1 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, FT-CAP, Automotive Grade
C0805X103K1RACAUTO KEMET-C0805X103K1RACAUTO_17 Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.01 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, FT-CAP, Automotive Grade
C0805X105K3RACAUTO KEMET-C0805X105K3RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 1 uF, 10%, 25 V, 0805, X7R, SMD, MLCC, FT-CAP, Automotive Grade
C1206X224K5RACAUTO KEMET-C1206X224K5RACAUTO_17 Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.22 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, FT-CAP, Automotive Grade
C0603X104K5RACAUTO KEMET-C0603X104K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.1 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Automotive Grade
C1210X475K5RACAUTO KEMET-C1210X475K5RACAUTO_17 Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 4.7 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, FT-CAP, Automotive Grade
C0603X103K5RACAUTO KEMET-C0603X103K5RACAUTO_17 Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.01 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Automotive Grade
C1206X105K5RACAUTO KEMET-C1206X105K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, FT-CAP, Automotive Grade
C1206X225K5RACAUTO KEMET-C1206X225K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 2.2 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, FT-CAP, Automotive Grade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com