Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6711MAKS Datasheet(PDF) 5 Page - Analog Devices

Part # ADM6711MAKS
Description  Microprocessor Supervisory Circuit in 4-Lead SC70
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6711MAKS Datasheet(HTML) 5 Page - Analog Devices

  ADM6711MAKS Datasheet HTML 1Page - Analog Devices ADM6711MAKS Datasheet HTML 2Page - Analog Devices ADM6711MAKS Datasheet HTML 3Page - Analog Devices ADM6711MAKS Datasheet HTML 4Page - Analog Devices ADM6711MAKS Datasheet HTML 5Page - Analog Devices ADM6711MAKS Datasheet HTML 6Page - Analog Devices ADM6711MAKS Datasheet HTML 7Page - Analog Devices ADM6711MAKS Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. 0
Typical Performance Characteristics–ADM6711/ADM6713
–5–
TEMPERATURE ( C)
12
–40
10
8
6
4
2
0
–20
0
20
30
50
70
85
100
120
IDD @ VCC = 5.5V
IDD @ VCC = 3V
IDD @ VCC = 1V
TPC 1. Supply Current vs. Temperature
1000
VOD = 20mV
VOD = 200mV
VOD = 125mV
900
800
700
600
500
400
300
200
100
0
TEMPERATURE ( C)
–40
–20
0
20
30
50
70
85
100
120
TPC 2. Power-Down
RESET Delay vs. Temperature
ADM671_R/S/T/Z
900
800
700
600
500
400
300
200
100
0
VOD = 20mV
VOD = 200mV
VOD = 125mV
TEMPERATURE ( C)
–40
–20
0
20
30
50
70
85
100
120
TPC 3. Power-Down
RESET Delay vs. Temperature
ADM671_L/M
289
284
279
274
269
264
259
254
249
244
ADM671_L/M
ADM671_R/S/T/Z
TEMPERATURE ( C)
–40
–20
0
20
30
50
70
85
100
120
TPC 4. Power-Up Reset Timeout vs. Temperature
1.007
1.006
1.005
1.004
1.003
1.002
1.001
1.000
0.999
0.998
0.997
0.996
0.995
TEMPERATURE ( C)
–40
–20
0
20
30
50
70
85
100
120
TPC 5.
RESET Threshold Deviation vs. Temperature
ADM671_L/M
400
350
0
110
1000
100
300
250
50
200
150
100
ADM671_R/S/T/Z
RESET COMPARATOR OVERDRIVE,V
TH – VCC (mV)
TPC 6. Maximum Transient Duration without Causing a
RESET Pulse vs. RESET Comparator Overdrive


Similar Part No. - ADM6711MAKS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6711MAKS-REEL AD-ADM6711MAKS-REEL Datasheet
226Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. B
ADM6711MAKS-REEL7 AD-ADM6711MAKS-REEL7 Datasheet
226Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. B
ADM6711MAKSZ-REEL7 AD-ADM6711MAKSZ-REEL7 Datasheet
226Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. B
More results

Similar Description - ADM6711MAKS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6384 AD-ADM6384_15 Datasheet
207Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
Rev. C
ADM6711 AD-ADM6711_11 Datasheet
226Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. B
ADM6384 AD-ADM6384 Datasheet
176Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803 Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com