Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBP302 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # GBP302
Description  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

GBP302 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  GBP302 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited GBP302 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited GBP302 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Silicon Bridge Rectifiers
GBP3005--GBP310
Document Number: GBP802AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
PACKAGE
INFORMATION
Device
Package
Shipping
GBP3005--GBP310
GBP
500Units/Box
GBP
Dim
Min
Max
A
14.45
14.85
B
10.30
10.70
C
3.45
3.75
C1
2.00
2.40
E
0.40
0.60
F
14.30
14.90
I
1.30
1.60
I1
0.60
0.90
K
3.75
4.30
All Dimensions in mm


Similar Part No. - GBP302

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBP302 PANJIT-GBP302 Datasheet
40Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
HY ELECTRONIC CORP.
GBP302 HY-GBP302 Datasheet
398Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Pan Jit International I...
GBP302 PANJIT-GBP302 Datasheet
36Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
GBP302 FS-GBP302 Datasheet
463Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 200 and 1000V Forward Current 3.0A
logo
CHENG-YI ELECTRONIC CO....
GBP302 CHENG-YI-GBP302 Datasheet
175Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - GBP302

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com