Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ15B Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # KBJ15B
Description  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KBJ15B Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  KBJ15B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KBJ15B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited KBJ15B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Silicon Bridge Rectifiers
KBJ15A--KBJ15M
Document Number: KJ6801AA
www.gmicroelec.com
2
PACKAGE OUTLINE DIMENSIONS
PACKAGE
INFORMATION
Device
Package
Shipping
KBJ15A--KBJ15M
KBJ6
250 Units/Box
KBJ6
Dim
Min
Max
A
29.80
30.20
B
19.80
20.20
C
4.45
4.75
C1
3.45
3.75
C2
2.50
2.80
E
0.60
0.80
F
17.40
18.00
F1
3.60
4.20
I1
1.95
2.25
I2
2.25
2.55
I3
0.85
1.15
K
9.70
10.30
K1
7.20
7.80
P
Ø3.20Typical
All Dimensions in mm


Similar Part No. - KBJ15B

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ15B WTE-KBJ15B Datasheet
50Kb / 3P
   15A BRIDGE RECTIFIER
KBJ15B WTE-KBJ15B Datasheet
77Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ15B DAESAN-KBJ15B Datasheet
183Kb / 2P
   CURRENT 15.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ15B BILIN-KBJ15B Datasheet
137Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBJ15B CHENG-YI-KBJ15B Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ15B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com