Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL35FA Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SL35FA
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SL35FA Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SL35FA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SL35FA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SL32FA--SL310FA
Document Number: AFL405AA
www.gmicroelec.com
1
FEATURES
Low leakage
Low forward voltage drop
High current capability
For surface mounted applications
Easily cleaned with Alcohol, Isopropnol and similar solvents
MECHANICAL DATA
Case: SMAFL molded plastic body
Terminals: Solder plated, solderable per MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SL32
FA
SL33
FA
SL34
FA
SL345
FA
SL35
FA
SL36
FA
SL38
FA
SL39
FA
SL310
FA
UNITS
Marking code
L32
L33
L34
L345
L35
L36
L38
L39
L3AF
Maximum repetitive peak reverse voltage
VRRM
20
30
40
45
50
60
80
90
100
V
Maximum RMS voltage
VRWS
14
21
28
31.5
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
20
30
40
45
50
60
80
90
100
V
Maximum average forward rectified current
at TL=90℃
IF(AV)
3.0
A
Peak forward surge current
8.3ms single half-sine-wave
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
SL32
FA
SL33
FA
SL34
FA
SL345
FA
SL35
FA
SL36
FA
SL38
FA
SL39
FA
SL310
FA
UNITS
Operating temperature range
TJ
-55 ---- +125
-55 ---- +150
Storage temperature range
TSTG
-55 ---- +150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SL32
FA
SL33
FA
SL34
FA
SL345
FA
SL35
FA
SL36
FA
SL38
FA
SL39
FA
SL310
FA
UNITS
Maximum instantaneous forward voltage
at IFM=3.0A
VF
0.45
0.58
0.63
V
Maximum DC reverse current TJ=25 ℃
at rated DC blocking voltage TJ=125℃
IR
0.5
20
m A
Pb
Lead-free


Similar Part No. - SL35FA

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SL35F CHENDA-SL35F Datasheet
224Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SL35F BILIN-SL35F Datasheet
448Kb / 4P
   Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SL35F DAESAN-SL35F Datasheet
289Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SL35FA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com