Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53S401-200N5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 53S401-200N5
Description  N 50 PANEL PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

53S401-200N5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  53S401-200N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53S401-200N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
N 50
PANEL PLUG
53S401-200N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Frequency
DC to 11 GHz
Return loss
 32 dB, DC to 2.5 GHz
 30 dB, 2.5 to 4 GHz
 20 dB, 4 to 5 GHz
Insertion loss
 0.05 dB, DC to 5 GHz
Insulation resistance
 5 x103 M
Center contact resistance
 1 m
Outer contact resistance
 0.25 m
Working voltage
500 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
1000 W @ 1 GHz
700 W @ 2 GHz
Intermodulation (3rd order)
 -117 dBm @ 2 x 20 W
Mechanical data
Mating cycles
min. 500
Coupling nut retention
 450 N
Center contact captivation: axial
 28 N
radial
 3 Ncm
Coupling test torque
max. 1.7 Nm
Recommended torque
0.7 Nm to 1.1 Nm
Environmental data
Temperature range
-55°C to +155°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. B
Shock
MIL-STD-202, Meth. 213, Cond. I
Moisture resistance
MIL-STD-202, Meth. 106
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
Weight
38.5 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Inge Mühlauer
22/06/04
J_Gramsamer
20.04.15
g00
15-0397
J_Krautenb.
20.04.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 53S401-200N5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
53S440 ETC1-53S440 Datasheet
145Kb / 2P
   High Performance 1024 x 4 PROM TiW PROM Family
53S441 ETC1-53S441 Datasheet
145Kb / 2P
   High Performance 1024 x 4 PROM TiW PROM Family
53S441A ETC1-53S441A Datasheet
145Kb / 2P
   High Performance 1024 x 4 PROM TiW PROM Family
More results

Similar Description - 53S401-200N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53K401-117N5 ROSENBERGER-53K401-117N5 Datasheet
43Kb / 2P
   N 50 PANEL JACK
53K401-200N5 ROSENBERGER-53K401-200N5 Datasheet
42Kb / 2P
   N 50 PANEL JACK
53S107-106N5 ROSENBERGER-53S107-106N5 Datasheet
78Kb / 2P
   N 50 STRAIGHT PLUG
53S114-006N5 ROSENBERGER-53S114-006N5 Datasheet
44Kb / 2P
   N 50 STRAIGHT PLUG
53S107-802N5 ROSENBERGER-53S107-802N5 Datasheet
80Kb / 2P
   N 50 STRAIGHT PLUG
53S10A-0N9N5 ROSENBERGER-53S10A-0N9N5 Datasheet
786Kb / 2P
   N 50 STRAIGHT PLUG
53S101-117N5 ROSENBERGER-53S101-117N5 Datasheet
75Kb / 2P
   N 50 STRAIGHT PLUG
53S101-272N5 ROSENBERGER-53S101-272N5 Datasheet
42Kb / 2P
   N 50 STRAIGHT PLUG
05S121-S00S3 ROSENBERGER-05S121-S00S3 Datasheet
96Kb / 2P
   RPC-N 50 ADAPTOR PLUG - PLUG
logo
Huber+Suhner, Inc.
13_N-50-0-30133_N HUBERSUHNER-13_N-50-0-30133_N Datasheet
575Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight panel receptacle, plug (male), flange mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com