Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA203.A.AB.035 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MA203.A.AB.035
Description  GPS-High gain LNA up to 32dB
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA203.A.AB.035 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MA203.A.AB.035 Datasheet HTML 1Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 2Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 3Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 4Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 5Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 6Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 7Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 8Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SPE-11-8-001/D/SS |
MA.203.A.A301111.B301111
page 4 of 10
3. High Performance LNA (saw filter)
Saw Filter
2V
2.5V
3V
5V
6.5V
Power Consumption
8mA
9mA
10mA
19mA
31mA
Gain
30dB
31dB
32dB
35dB
36dB
3.1 Return Loss
50.00
40.00
30.00
20.00
10.00
0.000
-10.00
-20.00
-30.00
-40.00
-50.00
Tr1 S11 Log Mag 10.00dB/ Ref 0.000dB (F2)
>1 824.00000 MHz -14.560 dB
2 894.00000 MHz -14.304 dB
7 1.8500000 MHz -15.501 dB
8 1.9900000 MHz -16.497 dB
1
2
7 8
1
1 Start 100 MHz
Stop 3 GHz PEit Cor
IFBW 30 kHz
With Housing, Glass Mount (RG-174, length = 1M)


Similar Part No. - MA203.A.AB.035

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA203.A.AB.035 TAOGLAS-MA203.A.AB.035 Datasheet
1Mb / 9P
   MA203 Stingray GPS/GALILEO/Cellular Adhesive Antenna
MA203.A.AB.035 TAOGLAS-MA203.A.AB.035_17 Datasheet
1Mb / 9P
   MA203 Stingray GPS/GALILEO/Cellular Adhesive Antenna
More results

Similar Description - MA203.A.AB.035

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA203.A.AB.045 TAOGLAS-MA203.A.AB.045 Datasheet
2Mb / 19P
   High gain LNA up to 32dB
logo
List of Unclassifed Man...
MA204ALB002 ETC2-MA204ALB002 Datasheet
3Mb / 25P
   GPS/GLONASS - High gain LNA up to 28dB
logo
Will Semiconductor Ltd.
WS7916S WILLSEMI-WS7916S Datasheet
813Kb / 6P
   CMOS High Gain GPS LNA
logo
STMicroelectronics
SMA661AS STMICROELECTRONICS-SMA661AS Datasheet
158Kb / 10P
   GPS HIGH GAIN LNA ICs
logo
Will Semiconductor Ltd.
WS7918DC WILLSEMI-WS7918DC Datasheet
915Kb / 7P
   CMOS High Gain GPS LNA
WS7919S WILLSEMI-WS7919S Datasheet
729Kb / 9P
   CMOS High Gain GPS LNA
WS7916DC WILLSEMI-WS7916DC Datasheet
917Kb / 7P
   CMOS High Gain GPS LNA
logo
AVAGO TECHNOLOGIES LIMI...
MGA-231T6 AVAGO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
logo
Broadcom Corporation.
DEMO-MGA-231T6 BOARDCOM-DEMO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com