Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA203.A.AB.035 Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # MA203.A.AB.035
Description  GPS-High gain LNA up to 32dB
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA203.A.AB.035 Datasheet(HTML) 5 Page - Taoglas antenna solutions

  MA203.A.AB.035 Datasheet HTML 1Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 2Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 3Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 4Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 5Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 6Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 7Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 8Page - Taoglas antenna solutions MA203.A.AB.035 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SPE-11-8-001/D/SS |
MA.203.A.A301111.B301111
page 5 of 10
3.2 850 MHz
SPE-11-8-001/C/SS
Page 5 of 10
3.2 850 MHz
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
-40
-35
-30
-25
-20
-15
-10
-5
0
5
850 MHz
H
V
H + V
Center Frequency
850 MHz
Horizontal (dBi) average -20.60
Vertical (dBi) average
-13.68
Horiz.+Vert. (dBi)
average
-12.88
Center Frequency
850 MHz
Horizontal (dBi) peak
-16.30
Vertical (dBi) peak
-11.10
Horiz.+Vert. (dBi) peak
-10.99
Center Frequency
850 MHz
Horizontal (dBi) peak
-16.30
Vertical (dBi) peak
-11.10
Horiz.+ Vert. (dBi) peak
-10.99
Center Frequency
850 MHz
Horizontal (dBi) average
-20.60
Vertical (dBi) average
-13.68
Horiz.+ Vert. (dBi)
-12.88


Similar Part No. - MA203.A.AB.035

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA203.A.AB.035 TAOGLAS-MA203.A.AB.035 Datasheet
1Mb / 9P
   MA203 Stingray GPS/GALILEO/Cellular Adhesive Antenna
MA203.A.AB.035 TAOGLAS-MA203.A.AB.035_17 Datasheet
1Mb / 9P
   MA203 Stingray GPS/GALILEO/Cellular Adhesive Antenna
More results

Similar Description - MA203.A.AB.035

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA203.A.AB.045 TAOGLAS-MA203.A.AB.045 Datasheet
2Mb / 19P
   High gain LNA up to 32dB
logo
List of Unclassifed Man...
MA204ALB002 ETC2-MA204ALB002 Datasheet
3Mb / 25P
   GPS/GLONASS - High gain LNA up to 28dB
logo
Will Semiconductor Ltd.
WS7916S WILLSEMI-WS7916S Datasheet
813Kb / 6P
   CMOS High Gain GPS LNA
logo
STMicroelectronics
SMA661AS STMICROELECTRONICS-SMA661AS Datasheet
158Kb / 10P
   GPS HIGH GAIN LNA ICs
logo
Will Semiconductor Ltd.
WS7918DC WILLSEMI-WS7918DC Datasheet
915Kb / 7P
   CMOS High Gain GPS LNA
WS7919S WILLSEMI-WS7919S Datasheet
729Kb / 9P
   CMOS High Gain GPS LNA
WS7916DC WILLSEMI-WS7916DC Datasheet
917Kb / 7P
   CMOS High Gain GPS LNA
logo
AVAGO TECHNOLOGIES LIMI...
MGA-231T6 AVAGO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
logo
Broadcom Corporation.
DEMO-MGA-231T6 BOARDCOM-DEMO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
logo
TriQuint Semiconductor
TQP3M9005 TRIQUINT-TQP3M9005_15 Datasheet
844Kb / 9P
   High Linearity LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com