Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA700.A.ABC.001 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MA700.A.ABC.001
Description  Advanced RF Design and Materials
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA700.A.ABC.001 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MA700.A.ABC.001 Datasheet HTML 1Page - Taoglas antenna solutions MA700.A.ABC.001 Datasheet HTML 2Page - Taoglas antenna solutions MA700.A.ABC.001 Datasheet HTML 3Page - Taoglas antenna solutions MA700.A.ABC.001 Datasheet HTML 4Page - Taoglas antenna solutions MA700.A.ABC.001 Datasheet HTML 5Page - Taoglas antenna solutions MA700.A.ABC.001 Datasheet HTML 6Page - Taoglas antenna solutions MA700.A.ABC.001 Datasheet HTML 7Page - Taoglas antenna solutions MA700.A.ABC.001 Datasheet HTML 8Page - Taoglas antenna solutions MA700.A.ABC.001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SPE-12-8-064/C/ZL
Page 2 of 29
MA700.A301111.B305111.C305111
1.Introduction
The Pantheon MA700 antenna is an omni-directional heavy-duty, fully IP67 waterproof external
M2M antenna for use in telematics, transportation and remote monitoring applications. The
Pantheon series is designed for RF professionals who accept no performance compromises
whatsoever. The MA700 combines a 3in1 GPS/GLONASS, Cellular 700MHz to 2200MHz
(2G/3G/4G) and 2.4GHz/5GHz antenna with the highest efficiency and peak gain possible. Unlike
our competitors who don’t measure cable loss the specification is measured at 3 meters (10ft) to
show real performance in the field. The antenna screws down permanently onto a roof or metal
panel and can be pole or wall-mounted.
All while still maintaining 20dB isolation between antennas. It uses high-shielded PTFE dielectric
ultra low-loss cables that maintain low attenuation at all frequency bands, and high noise
rejection, with an average loss of only 0.3dB per meter (0.1dB per foot), compared to 0.7dB for
RG58 and 1.2dB for RG174. Because of this, the Pantheon maximizes chances of passing PTCRB
and network approvals first time. The Pantheon also has excellent performance without need to
attach to an external ground-plane due to its internal antennas coupling to its unique super
strong integrated metal base. The antenna comes with a 3M adhesive waterproof layer to prevent
water leaking under the antenna into the mounting hole. The Pantheon can also be supplied in
single GPS/GLONASS, Cellular, Wi-Fi only versions, or at other frequencies.
Custom designed integrated wall mounted and pole mounted
brackets are available for the Pantheon antennas. These patent
pending mounts allow for 180 degrees freedom of movement of the
antennas for ease of positioning while also preventing access to the
cables so they cannot be cut by vandals or thieves and also protecting
the cables from long term weather exposure. The removal of
unsightly cables also leads to a cleaner more professional installation
and look, and makes the antenna less identifiable and more
unobtrusive. Customized cable sleeves can be supplied for extra
protection where required.
Note: for ground-isolation antennas use the MA.705 version with
Isolation Gaskets.


Similar Part No. - MA700.A.ABC.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA700.A.ABC.001 TAOGLAS-MA700.A.ABC.001 Datasheet
2Mb / 30P
   Pantheon Antenna 3in1 MA.700 Screw-Mount
MA700.A.ABC.001 TAOGLAS-MA700.A.ABC.001_18 Datasheet
2Mb / 30P
   Pantheon Antenna 3in1 MA.700 Screw-Mount
More results

Similar Description - MA700.A.ABC.001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA603.A.ABK.001 TAOGLAS-MA603.A.ABK.001 Datasheet
4Mb / 18P
   Advanced RF Design and Materials
MA605.A.ABC.001 TAOGLAS-MA605.A.ABC.001 Datasheet
1Mb / 23P
   Advanced RF Design and Materials
MA650.ST.AB.003.DZ TAOGLAS-MA650.ST.AB.003.DZ Datasheet
1Mb / 20P
   Advanced RF Design and Materials
MA673.A.CGH.004 TAOGLAS-MA673.A.CGH.004 Datasheet
2Mb / 27P
   Advanced RF Design and Materials
MA650.A.AB.002 TAOGLAS-MA650.A.AB.002 Datasheet
5Mb / 19P
   Advanced RF Design and Materials
MA700.A.ABC.002 TAOGLAS-MA700.A.ABC.002 Datasheet
1Mb / 30P
   Advanced RF Design and Materials
MA672.A.CGH.003 TAOGLAS-MA672.A.CGH.003 Datasheet
3Mb / 15P
   Advanced RF Design and Materials
MA650.ST.AB.002.DZ TAOGLAS-MA650.ST.AB.002.DZ Datasheet
1Mb / 21P
   Advanced RF Design and Materials
logo
WALSIN TECHNOLOGY CORPO...
WF25N WALSIN-WF25N Datasheet
524Kb / 9P
   Special materials and design for higher working voltage required
logo
Keysight Technologies
W2306EP KEYSIGHT-W2306EP Datasheet
2Mb / 16P
   Advanced Design System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com