Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC23.07.0100A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # PC23.07.0100A
Description  Diameter 42mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC23.07.0100A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  PC23.07.0100A Datasheet HTML 1Page - Taoglas antenna solutions PC23.07.0100A Datasheet HTML 2Page - Taoglas antenna solutions PC23.07.0100A Datasheet HTML 3Page - Taoglas antenna solutions PC23.07.0100A Datasheet HTML 4Page - Taoglas antenna solutions PC23.07.0100A Datasheet HTML 5Page - Taoglas antenna solutions PC23.07.0100A Datasheet HTML 6Page - Taoglas antenna solutions PC23.07.0100A Datasheet HTML 7Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPE-12-8-053/B/SS
Page 1 of 1
SPECIFICATION
Part No.
:
PC23.07.0100A
Product Name :
Internal Circular PCB Antenna
AMPS/GSM/PCS/DCS Cellular PCB Antenna
100mm 1.13 IPEX MHFI (U.FL comp)
Features
:
Diameter 42mm*Height 1.6mm
Photo:


Similar Part No. - PC23.07.0100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC23.07.0100A TAOGLAS-PC23.07.0100A Datasheet
504Kb / 7P
   Internal Circular PCB Antenna
PC23.07.0100A TAOGLAS-PC23.07.0100A_12 Datasheet
504Kb / 7P
   Internal Circular PCB Antenna
More results

Similar Description - PC23.07.0100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC23.09.0100A TAOGLAS-PC23.09.0100A Datasheet
381Kb / 7P
   Diameter 42mm
logo
PUI audio inc.
AI-4228-TF-LW140-R PUIAUDIO-AI-4228-TF-LW140-R Datasheet
531Kb / 3P
   42mm diameter, 3-20 VDC self-drive indicator
AI-4228-TF-LW140-4-R PUIAUDIO-AI-4228-TF-LW140-4-R Datasheet
530Kb / 3P
   42mm diameter, 3-28 VDC self-drive indicator
logo
List of Unclassifed Man...
BL030-H03-G ETC2-BL030-H03-G Datasheet
216Kb / 4P
   42mm Brushless DC Motor, 30W
logo
TRINAMIC Motion Control...
QBL4208 TRINAMIC-QBL4208 Datasheet
195Kb / 1P
   42mm 8pole BLDC motor
logo
List of Unclassifed Man...
BL090-H03-G ETC2-BL090-H03-G Datasheet
222Kb / 4P
   42mm Brushless DC Motor, 90W
logo
Ningbo Leison Motor Co....
17HS NINGBO-17HS Datasheet
601Kb / 1P
   42mm series 1.8 degree/step
logo
List of Unclassifed Man...
BL060-H03-G ETC2-BL060-H03-G Datasheet
224Kb / 4P
   42mm Brushless DC Motor, 60W
BD5-G1-AH ETC2-BD5-G1-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 30W 42mm motor
MOT-IG42GM ETC2-MOT-IG42GM Datasheet
253Kb / 1P
   42mm Planetary Gear Motor Carbon - Brushed
2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com