Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4383 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4383
Description  192kHz 24-Bit 2ch DAC with DSD input
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4383 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4383 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4383 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4383 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4383 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4383 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4383 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4383 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4383 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4383 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ASAHI KASEI
[AK4383]
MS0090-E-00
2001/4
- 3 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
MCLK
I
Master Clock Input Pin
An external TTL clock should be input on this pin.
2
BICK/DCLK
I
Audio Serial Data Clock Pin / DSD Clock Pin
3
SDTI/DSDL
I
Audio Serial Data Input Pin / DSD Lch Data Input Pin
4
LRCK/DSDR
I
L/R Clock Pin / DSD Rch Data Input Pin
5
PDN
I
Power-Down Mode Pin
When at “L”, the AK4383 is in the power-down mode and is held in reset.
The AK4383 should always be reset upon power-up.
6
CSN
I
Chip Select Pin
7
CCLK
I
Control Data Input Pin
8
CDTI
I
Control Data Input Pin in serial mode
9
DCLK
I
DSD Clock Pin
(Pull-down Pin)
10
DSDL
I
DSD Lch Data Input Pin
(Pull-down Pin)
11
DSDR
I
DSD Rch Data Input Pin
(Pull-down Pin)
12
DSDM
I
DSD Mode Enable Pin
(Pull-down Pin)
“0”: PCM data is input from Pin 2-4. And the mode can be switched between
PCM and DSD mode by register.
“1”: DSD data is input from Pin 9-11.
13
AOUTR-
O
Rch Negative Analog Output Pin
14
AOUTR+
O
Rch Positive Analog Output Pin
15
AOUTL-
O
Lch Negative Analog Output Pin
16
AOUTL+
O
Lch Positive Analog Output Pin
17
VSS
-
Ground Pin
18
VDD
-
Power Supply Pin
19
DZFR
O
Rch Data Zero Input Detect Pin
20
DZFL
O
Lch Data Zero Input Detect Pin
Note: All input pins except pull-up pin should not be left floating.


Similar Part No. - AK4383

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4380 AKM-AK4380 Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
AK4380VT AKM-AK4380VT Datasheet
226Kb / 21P
   100dB 24BIT 96kHz 2CH DAC
AK4381 AKM-AK4381 Datasheet
232Kb / 21P
   108DB 192KHZ 24-BIT 2CH DAC
AK4381VT AKM-AK4381VT Datasheet
232Kb / 21P
   108DB 192KHZ 24-BIT 2CH DAC
AK4382 AKM-AK4382 Datasheet
251Kb / 21P
   112dB 192kHz 24-BIT SCH DAC
More results

Similar Description - AK4383

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4357 AKM-AK4357 Datasheet
182Kb / 27P
   192kHz 24-Bit 6ch DAC with DSD Input
AK4358 AKM-AK4358_06 Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
AK4381 AKM-AK4381 Datasheet
232Kb / 21P
   108DB 192KHZ 24-BIT 2CH DAC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
   106dB 192kHz 24-Bit 2ch DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com