Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M9K701-400L Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # M9K701-400L
Description  MultiMag 6 Receptacle, PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

M9K701-400L Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  M9K701-400L Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG M9K701-400L Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG M9K701-400L Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet - Draft
M9
MultiMag 6 Receptacle,
PCB
M9K701-400L
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 3
Electrical data
Electrical data acc. to USB 2.0 specification
Operating voltage
5 V
Operating current
0,5 A
Mechanical data
Mating cycles
min. 2.500
Magnetic disengagement force
average
∼ 8 N
(force application point on plug)
PCB Footprint


Similar Part No. - M9K701-400L

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
M9K701-299L ROSENBERGER-M9K701-299L Datasheet
960Kb / 2P
   MultiMag 6 Receptacle
More results

Similar Description - M9K701-400L

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
M9K702-400L ROSENBERGER-M9K702-400L Datasheet
960Kb / 3P
   MultiMag 6 Receptacle, PCB
M9K701-299L ROSENBERGER-M9K701-299L Datasheet
960Kb / 2P
   MultiMag 6 Receptacle
M9K703-299L ROSENBERGER-M9K703-299L Datasheet
744Kb / 2P
   MultiMag 6 Receptacle
M9K102-199L ROSENBERGER-M9K102-199L Datasheet
561Kb / 2P
   MultiMag Receptacle
M9K702-299L ROSENBERGER-M9K702-299L Datasheet
967Kb / 2P
   MultiMag 6 Receptacle Cable Solder Version
logo
Amphenol Corporation
AT04-6P-BMXX AMPHENOL-AT04-6P-BMXX Datasheet
155Kb / 1P
   BOARDLOCK PCB MOUNT RECEPTACLE, 6 PIN, STRAIGHT, A SERIES
A7
logo
PHOENIX CONTACT
3000698 PHOENIX-3000698 Datasheet
185Kb / 14P
   COMBI receptacle - PPC 6/6
logo
Winchester Electronics ...
SDKA-79-165-M06 WINCHESTER-SDKA-79-165-M06 Datasheet
72Kb / 1P
   RECEPTACLE, PCB, TNC
logo
PHOENIX CONTACT
1149134 PHOENIX-1149134 Datasheet
450Kb / 14P
   PC 6/ 6-STL4-7,62 - PCB connector
1913549 PHOENIX-1913549 Datasheet
348Kb / 10P
   PCB connector - PC 6/ 6-ST-10,16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com