Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53S102-015N5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 53S102-015N5
Description  STRAIGHT PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

53S102-015N5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  53S102-015N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53S102-015N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
N 50
STRAIGHT PLUG
53S102-015N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
Impedance
50
Frequency
DC to 11 GHz
Return loss
 34 dB, DC to 2.5 GHz
 30 dB, 2.5 to 3 GHz
 20 dB, 3 to 5 GHz
Insertion loss
 0.05 dB, Dc to 5 GHz
Insulation resistance
 5 x103 M
Center contact resistance
 1 m
Outer contact resistance
 0.25 m
Working voltage
500 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
1000 W @ 1 GHz
700 W @ 2 GHz
RF-leakage
 128 dB up to 1 GHz
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
min. 500
Coupling nut retention
 450 N
Coupling test torque
max. 1.7 Nm
Recommended torque
0.7 Nm to 1.1 Nm
Environmental data
Temperature range
-55°C to +155°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. B
Shock
MIL-STD-202, Meth. 213, Cond. I
Moisture resistance
MIL-STD-202, Meth. 106
Degree of protection (mated pair)
IEC 60529, IP67
RoHS
compliant
Tooling
N/A
Suitable cables
RG 213/U, RG 214 /U, RG 393 /U
Weight
Weight
52.2 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Inge Mühlauer
08/06/04
J_Gramsamer
17.04.15
c00
15-0397
J_Krautenb.
17.04.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 53S102-015N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53S101-115N5 ROSENBERGER-53S101-115N5 Datasheet
70Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
53S101-117N5 ROSENBERGER-53S101-117N5 Datasheet
75Kb / 2P
   N 50 STRAIGHT PLUG
53S101-1N9N5 ROSENBERGER-53S101-1N9N5 Datasheet
67Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
53S101-272N5 ROSENBERGER-53S101-272N5 Datasheet
42Kb / 2P
   N 50 STRAIGHT PLUG
53S101-273B5 ROSENBERGER-53S101-273B5 Datasheet
396Kb / 2P
   N50 STRAIGHT PLUG
More results

Similar Description - 53S102-015N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
56S101-115N5 ROSENBERGER-56S101-115N5 Datasheet
45Kb / 2P
   STRAIGHT PLUG
51S106-006N5 ROSENBERGER-51S106-006N5 Datasheet
42Kb / 2P
   STRAIGHT PLUG
53S107-108N5 ROSENBERGER-53S107-108N5 Datasheet
72Kb / 2P
   STRAIGHT PLUG
51S107-802N5 ROSENBERGER-51S107-802N5 Datasheet
42Kb / 2P
   STRAIGHT PLUG
64S115-C09N1 ROSENBERGER-64S115-C09N1 Datasheet
275Kb / 2P
   Straight Plug
53S107-803N5 ROSENBERGER-53S107-803N5 Datasheet
76Kb / 2P
   STRAIGHT PLUG
45S101-102L5 ROSENBERGER-45S101-102L5 Datasheet
43Kb / 2P
   STRAIGHT PLUG
45S105-101L5 ROSENBERGER-45S105-101L5 Datasheet
79Kb / 2P
   STRAIGHT PLUG
MF1S111-1H8L5-NM ROSENBERGER-MF1S111-1H8L5-NM Datasheet
109Kb / 2P
   straight plug
logo
Japan Aviation Electron...
JB1DB03PL JAE-JB1DB03PL Datasheet
165Kb / 1P
   STRAIGHT PLUG
JN2DS10SL1-R JAE-JN2DS10SL1-R Datasheet
223Kb / 1P
   STRAIGHT PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com