Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH31-PCB170 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AH31-PCB170
Description  High Dynamic Range IF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH31-PCB170 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AH31-PCB170 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 6Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 7Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 8Page - List of Unclassifed Manufacturers AH31-PCB170 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
September 2004
The Communications Edge
TM
AH31
High Dynamic Range IF Amplifier
Product Information
Application Circuit: 65 – 85 MHz (AH31-PCB75)
Typical Performance
Frequency
75 MHz
S21 - Gain
19 dB
S11
-25 dB
S22
-25 dB
Output P1dB
+22 dBm
Output IP3
+42 dBm
Noise Figure
2.4 dB
Bias
+5 V @ 150 mA
Notes:
1. The amplifier should be connected directly to a +5 V regulator; no dropping resistor is required.
2. If no DC signal is present at the input (pin 1), C1 can be removed. The gate is internally grounded in the amplifier.
3. R2 is used as a placeholder for a different application circuit. It can be removed from the circuit.
4. C2 (from the silkscreen) is not utilized in this application circuit.
Gainvs Frequency
25
°C
10
12
14
16
18
20
55
65
75
85
95
Frequency (MHz)
S11, S22 vs Frequency
25
°C
-30
-25
-20
-15
-10
-5
0
55
65
75
85
95
Frequency (MHz)
S11
S22
WidebandS-Parameter Performance
25
°C
-30
-20
-10
0
10
20
50
100
150
200
250
300
350
400
Frequency (MHz)
S11
S22
S21
OIP3 vs Frequency
25
°C
36
38
40
42
44
46
55
65
75
85
95
Frequency (MHz)
Noise Figure vs Frequency
25
°C
0
1
2
3
4
5
55
65
75
85
95
Frequency (MHz)
P1dBvs Frequency
25
°C
14
16
18
20
22
24
55
65
75
85
95
Frequency (MHz)
AH31
RF OUT
VS = +5 V
ID = 150 mA
C5
.018
µF
0603
L1
220 nH
0603
C4
.018
µF
0603
L2
330 nH
0805
RF IN
R1
1.0
0603
C3
12 pF
0603
C1
.018
µF
0603
R2
0
0603


Similar Part No. - AH31-PCB170

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH31-PCB170 WJCI-AH31-PCB170 Datasheet
270Kb / 8P
   High Dynamic Range IF Amplifier
AH31-PCB170 WJCI-AH31-PCB170 Datasheet
326Kb / 7P
   High Dynamic Range IF Amplifier
More results

Similar Description - AH31-PCB170

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
   High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier
MAAM-009116 MA-COM-MAAM-009116_15 Datasheet
847Kb / 5P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31-RFID WJCI-AH31-RFID Datasheet
270Kb / 8P
   High Dynamic Range IF Amplifier
AH31 WJCI-AH31 Datasheet
326Kb / 7P
   High Dynamic Range IF Amplifier
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
   High Dynamic Range IF Amplifier 50 - 1000 MHz
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com