Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3073 Datasheet(PDF) 8 Page - Pulse A Technitrol Company

Part # W3073
Description  Ceramic Quad Band Monopole Antenna
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3073 Datasheet(HTML) 8 Page - Pulse A Technitrol Company

Back Button W3073 Datasheet HTML 4Page - Pulse A Technitrol Company W3073 Datasheet HTML 5Page - Pulse A Technitrol Company W3073 Datasheet HTML 6Page - Pulse A Technitrol Company W3073 Datasheet HTML 7Page - Pulse A Technitrol Company W3073 Datasheet HTML 8Page - Pulse A Technitrol Company W3073 Datasheet HTML 9Page - Pulse A Technitrol Company W3073 Datasheet HTML 10Page - Pulse A Technitrol Company W3073 Datasheet HTML 11Page - Pulse A Technitrol Company W3073 Datasheet HTML 12Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
8
Pulse Finland Oy
Takatie 6
90440 Kempele, Finland
Tel: +358 207 935 500
Domicile: Kempele
Business ID: 1933992-8
firstnamelastname@pulseeng.com
Application Note: W3073 Ceramic Quad Band Monopole Antenna.
Confidential.
Preliminary (02/10)
© 2006. All Rights Reserved.
Ceramic Chip Antenna
Typical Electrical Characteristics (T=25
°C)
Measured with test board outline size 105 x 40mm. Ground cleared under antenna
40mm x 10mm.
Version 1: Typical Return Loss S11
Return Loss [dB]
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
f [MHz]
EUGSM
USGSM
WCDMA I
W3073 Version 1
Version 2: Typical Return Loss S11
Return Loss [dB]
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
f [MHz]
EUGSM
USGSM
WCDMA I
W3073 Version 2


Similar Part No. - W3073

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3070 PULSE-W3070 Datasheet
1Mb / 17P
   Ceramic Dual Band Monopole Antenna
W3078 PULSE-W3078 Datasheet
1Mb / 13P
   Dualband WLAN Antenna
W3079 PULSE-W3079 Datasheet
1Mb / 12P
   Ceramic Dual Band WLAN
More results

Similar Description - W3073

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
EGSM900 PULSE-EGSM900 Datasheet
1Mb / 17P
   Ceramic Dual Band Monopole Antenna
W3070 PULSE-W3070 Datasheet
1Mb / 17P
   Ceramic Dual Band Monopole Antenna
W3000 PULSE-W3000 Datasheet
5Mb / 28P
   Ceramic Monopole Antenna
logo
Taoglas antenna solutio...
TG190112 TAOGLAS-TG190112 Datasheet
500Kb / 10P
   Mini Helical Quad-Band Cellular Antenna Connector Mount Monopole
logo
World Produts Inc.
WPANT30001-SB WPI-WPANT30001-SB_15 Datasheet
139Kb / 4P
   3G Penta-band Monopole Antenna
WPANT30001-SB WPI-WPANT30001-SB Datasheet
142Kb / 4P
   3G Penta-band Monopole Antenna
logo
Linx Technologies
ANT-490-CW-QW LINX-ANT-490-CW-QW Datasheet
742Kb / 8P
   Single-Band Connectorized Monopole Antenna
2019
logo
List of Unclassifed Man...
TG190112 ETC2-TG190112 Datasheet
522Kb / 10P
   Mini Helical Quad-Band Cellular Antenna Connector Mount Monopole
logo
Pulse A Technitrol Comp...
W3404SMA PULSE-W3404SMA Datasheet
1Mb / 10P
   Wide Band LTE Monopole Antenna
logo
Harris Corporation
RF-398-01 HARRIS-RF-398-01 Datasheet
320Kb / 2P
   VHF LOW-BAND VERTICAL MONOPOLE ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com