Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6655 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6655
Description  Single/Dual Low Power, 250 MHz, Low Noise Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6655 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMH6655 Datasheet HTML 5Page - National Semiconductor (TI) LMH6655 Datasheet HTML 6Page - National Semiconductor (TI) LMH6655 Datasheet HTML 7Page - National Semiconductor (TI) LMH6655 Datasheet HTML 8Page - National Semiconductor (TI) LMH6655 Datasheet HTML 9Page - National Semiconductor (TI) LMH6655 Datasheet HTML 10Page - National Semiconductor (TI) LMH6655 Datasheet HTML 11Page - National Semiconductor (TI) LMH6655 Datasheet HTML 12Page - National Semiconductor (TI) LMH6655 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Typical Performance Characteristics T
J = 25˚C, V
+ = ±5V, V= −5, R
F =25Ω for gain = +1, RF =
402
Ω and for gain ≥ +2, and R
L = 100Ω, unless otherwise specified. (Continued)
Harmonic Distortion vs. Frequency
G = +1, V
O =2VPP,VS =5V
Harmonic Distortion vs. Frequency
G = +1, V
O =2VPP,VS = ±5V
20016517
20016518
Harmonic Distortion vs. Temperature
V
S = 5V, f = 5MHz, VO =2VPP
Harmonic Distortion vs. Temperature
V
S = ±5V, f = 5MHz, VO =2VPP
20016529
20016528
Harmonic Distortion vs. Gain
V
S = 5V, f = 5MHz, VO =2VPP
Harmonic Distortion vs. Gain
V
S = ±5V, f = 5MHz, VO =2VPP
20016531
20016530
www.national.com
9


Similar Part No. - LMH6655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6655MA TI1-LMH6655MA Datasheet
1Mb / 31P
[Old version datasheet]   LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6655MA/NOPB TI1-LMH6655MA/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6655MAX/NOPB TI1-LMH6655MAX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6655MM/NOPB TI1-LMH6655MM/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
LMH6655MMX/NOPB TI1-LMH6655MMX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
More results

Similar Description - LMH6655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6654 TI1-LMH6654 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6654, LMH6655 Single and Dual Low Power, 250 MHz, Low Noise Amplifiers
LMV721 TI-LMV721 Datasheet
684Kb / 21P
[Old version datasheet]   10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7715 NSC-LMP7715 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7711 TI1-LMP7711 Datasheet
968Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com