Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS1587CSX-ADJ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS1587CSX-ADJ
Description  5A and 3A Low Dropout Fast Response Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS1587CSX-ADJ Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LMS1587CSX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LMS1587CSX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LMS1587CSX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LMS1587CSX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LMS1587CSX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LMS1587CSX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LMS1587CSX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LMS1587CSX-ADJ Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Application Note
OUTPUT VOLTAGE
The adjustable version develops at 1.25V reference voltage,
(V
REF),
between the output and the adjust terminal. As
shown in Figure 1, this voltage is applied across resistor R1
to generate a constant current I1. This constant current then
flows through R2. The resulting voltage drop across R2 adds
to the reference voltage to sets the desired output voltage.
The current I
ADJ from the adjustment terminal introduces an
output error. But since it is small (120µA max), it becomes
negligible when R1 is in the 100
Ω range.
For fixed voltage devices, R1 and R2 are integrated inside
the devices.
10119772
FIGURE 1. Basic Adjustable Regulator
www.national.com
6


Similar Part No. - LMS1587CSX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS1587CSX-ADJ TI1-LMS1587CSX-ADJ Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587CSX-ADJ TI1-LMS1587CSX-ADJ Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587CSX-ADJ/NOPB TI1-LMS1587CSX-ADJ/NOPB Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587CSX-ADJ/NOPB TI1-LMS1587CSX-ADJ/NOPB Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
More results

Similar Description - LMS1587CSX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI1-LMS1585A Datasheet
1Mb / 15P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI-LMS1585A_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587 TI-LMS1587_15 Datasheet
1Mb / 14P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587CT-33 TI1-LMS1587CT-33 Datasheet
1Mb / 16P
[Old version datasheet]   LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
logo
National Semiconductor ...
LMS1585AEP NSC-LMS1585AEP Datasheet
128Kb / 7P
   Enhanced Plastic 5A and 3A Low Dropout Fast Response Regulators
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
logo
Linear Technology
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com