Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND8090D Datasheet(PDF) 9 Page - ON Semiconductor

Part # AND8090D
Description  AC Characteristics of ECL Devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8090D Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AND8090D Datasheet HTML 5Page - ON Semiconductor AND8090D Datasheet HTML 6Page - ON Semiconductor AND8090D Datasheet HTML 7Page - ON Semiconductor AND8090D Datasheet HTML 8Page - ON Semiconductor AND8090D Datasheet HTML 9Page - ON Semiconductor AND8090D Datasheet HTML 10Page - ON Semiconductor AND8090D Datasheet HTML 11Page - ON Semiconductor AND8090D Datasheet HTML 12Page - ON Semiconductor AND8090D Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AND8090/D
http://onsemi.com
9
Differential Inputs (Single−Ended Mode) – Either input
of a differential pair may be used individually if the unused
input of the differential pair is connected to VBB (the
switching reference voltage). The switching reference
voltage is provided by many differential devices. Figure 19
illustrates the use of the true input as the single−ended input.
Note that the unused inverted output is terminated in the
same fashion as the true output.
Figure 19. Differential Input in Single−Ended Mode
VIH
VIL
50%
50%
VOH
VOL
D1
D1
VBB
Q1
Q1
Use Q1 Termination
The switching reference voltage provides a switching
point that is approximately halfway between the HIGH and
LOW levels. As an example, the MC100EP116 data sheet
specifies the following switching reference voltage range
for the 5.0 V PECL mode. The MC100EP116 50% point
range previously calculated is listed below the VBB range.
3475 mV
v VBB v 3675 mV
3483 mV
v 50% Point v 3748 mV
Note that the VBB range is very close to the 50% point
range. This is true because the switching reference voltage
provides a switching point for a differential input in
single−ended mode that is analogous to the 50% point range
for normal single−ended inputs.
TIMING CHARACTERISTICS
Output Rise and Fall Times
ECL Output Devices – The output rise time for ECL
devices is the time required to rise from the 20% level to the
80% level of the output rising edge. The output fall time for
ECL devices is the time required to fall from the 80% level
to the 20% level of the output falling edge. The output rise
and fall times for devices with ECL outputs is shown in
Figure 20.
Figure 20. ECL Output Rise and Fall Times
tR
tF
HIGH
LOW
20%
80%
Non−ECL Output Devices – Refer to the translator data
sheets as different conditions are used to specify the output
rise and fall times. One type of condition specifies output
rise and fall times between the 10% and 90% output levels.
For example, the rise and fall times for the MC100ELT21
PECL to TTL translator are specified between the 10% and
90% output levels as shown in Figure 21.
Figure 21. TTL Output Rise and Fall
Time Percentages
tR
tF
90%
10%
HIGH
LOW
Another type of test condition specifies non−ECL output
rise and fall times between fixed output voltage levels. For
example, the rise and fall times for the MC100EPT21
LVPECL to LVTTL translator are specified between fixed
output voltages of 0.8 V and 2.0 V as shown in Figure 22.
Figure 22. LVTTL Output Rise and Fall
Time Levels
tR
tF
HIGH
LOW
VO = 2.0 V
VO = 0.8 V


Similar Part No. - AND8090D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8090D ONSEMI-AND8090D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
More results

Similar Description - AND8090D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC1300AB-STEP INFINEON-XMC1300AB-STEP Datasheet
2Mb / 78P
   physical characteristics of the XMC1300 series devices
V2.0 2017-10
logo
Analog Devices
AND8020 AD-AND8020 Datasheet
173Kb / 18P
   Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
July, 2004 ??Rev. 5
logo
CUI INC
SCDXXPUN CUI-SCDXXPUN Datasheet
40Kb / 1P
   Characteristics of SCD15PUN
logo
Dynex Semiconductor
AN5950 DYNEX-AN5950 Datasheet
1Mb / 23P
   TABLES OF CHARACTERISTICS
logo
CUI INC
SCDXXPUR CUI-SCDXXPUR Datasheet
559Kb / 1P
   Characteristics of SCD10PUR
logo
Advanced Crystal Techno...
ACTF9006 ACT-ACTF9006 Datasheet
66Kb / 3P
   characteristics of SAW Filter
SEPT 04
ACTF474S ACT-ACTF474S Datasheet
150Kb / 5P
   characteristics of SAW Filter
SEPT 04
logo
Fairchild Semiconductor
FGL60N100D FAIRCHILD-FGL60N100D Datasheet
438Kb / 6P
   Electrical Characteristics of IGBT
FGL60N170D FAIRCHILD-FGL60N170D Datasheet
558Kb / 8P
   Electrical Characteristics of IGBT
FGS15N40L FAIRCHILD-FGS15N40L Datasheet
204Kb / 6P
   Electrical Characteristics of IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com