Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJB60EP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQJB60EP
Description  Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJB60EP Datasheet(HTML) 5 Page - Vishay Siliconix

  SQJB60EP Datasheet HTML 1Page - Vishay Siliconix SQJB60EP Datasheet HTML 2Page - Vishay Siliconix SQJB60EP Datasheet HTML 3Page - Vishay Siliconix SQJB60EP Datasheet HTML 4Page - Vishay Siliconix SQJB60EP Datasheet HTML 5Page - Vishay Siliconix SQJB60EP Datasheet HTML 6Page - Vishay Siliconix SQJB60EP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SQJB60EP
www.vishay.com
Vishay Siliconix
S16-1691-Rev. A, 29-Aug-16
5
Document Number: 77774
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
10
100
1000
10000
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
1000
Axis Title
V
DS - Drain-to-Source Voltage (V)
(1) V
GS > minimum VGS at which RDS(on) is specified
I
DM limited
Limited by R
DS(on)
(1)
T
C = 25 °C
Single pulse
BVDSS limited
100 ms, 1 s, 10 s, DC
10 ms
1 ms
100 μs
I
D limited
10-3
10-2
1
1
0
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single pulse
Duty cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty cycle, D =
2. Per unit base = R thJA = 85 °C/W
3. TJM - TA = P DMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface mounted
PDM


Similar Part No. - SQJB60EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJB60EP VISHAY-SQJB60EP Datasheet
279Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJB60EP VISHAY-SQJB60EP Datasheet
278Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB60EP-T1 VISHAY-SQJB60EP-T1 Datasheet
279Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJB60EP VISHAY-SQJB60EP_V01 Datasheet
279Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJB60EP VISHAY-SQJB60EP_V02 Datasheet
278Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQJB60EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ960EP VISHAY-SQJ960EP Datasheet
159Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Sep-12
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Jan-13
SQJ968EP VISHAY-SQJ968EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_V02 Datasheet
212Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB00EP VISHAY-SQJB00EP_V02 Datasheet
278Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ960EP VISHAY-SQJ960EP_V02 Datasheet
233Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ968EP VISHAY-SQJ968EP_V02 Datasheet
197Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ992EP VISHAY-SQJ992EP_V02 Datasheet
230Kb / 10P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ960EP VISHAY-SQJ960EP_15 Datasheet
228Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. D, 17-Aug-15
SQ9945BEY VISHAY-SQ9945BEY_15 Datasheet
296Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. D, 10-Aug-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com