Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM3054NVC-TR Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM3054NVC-TR
Description  N-Channel Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM3054NVC-TR Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM3054NVC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM3054NVC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM3054NVC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM3054NVC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM3054NVC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM3054NVC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM3054NVC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM3054NVC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM3054NVC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Aug., 2002
APM3054N
www.anpec.com.tw
4
Typical Characteristics
2
345
678
9
10
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
VGS - Gate-to-Source Voltage (V)
ID=6A
On-Resistance vs. Gate-to-Source Voltage
-50
-25
0
25
50
75
100
125
150
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
On-Resistance vs. Junction Temperature
VGS=10V
ID=12A
TJ - Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
On-Resistance vs. Junction Temperature
VGS=10V
IDS=12A
TJ - Junction Temperature (°C)
2.5
5.0
7.5
10.0
12.5
15.0
0
2
4
6
8
10
Gate Charge
QG - Gate Charge (nC)
VDS=15V
IDS=10A


Similar Part No. - APM3054NVC-TR

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
APM3054NU DOINGTER-APM3054NU Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
APM3054NUC-TRL VBSEMI-APM3054NUC-TRL Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - APM3054NVC-TR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com