Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJQ402E Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SQJQ402E
Description  Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJQ402E Datasheet(HTML) 8 Page - Vishay Siliconix

  SQJQ402E Datasheet HTML 1Page - Vishay Siliconix SQJQ402E Datasheet HTML 2Page - Vishay Siliconix SQJQ402E Datasheet HTML 3Page - Vishay Siliconix SQJQ402E Datasheet HTML 4Page - Vishay Siliconix SQJQ402E Datasheet HTML 5Page - Vishay Siliconix SQJQ402E Datasheet HTML 6Page - Vishay Siliconix SQJQ402E Datasheet HTML 7Page - Vishay Siliconix SQJQ402E Datasheet HTML 8Page - Vishay Siliconix SQJQ402E Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PAD Pattern
www.vishay.com
Vishay Siliconix
Revision: 08-Apr-15
1
Document Number: 67477
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Recommended Minimum PADs for PowerPAK® 8 x 8L Single
Note
• Linear dimensions are in black, the same information is provided in ordinate dimensions which are in blue.
Dimensions in millimeters (inches)
8.00
(0.31)
0.50
(0.02)
6.90
(0.27)
(0, 0)
4.05
(0.16)
3.55
(0.14)
0.44
(0.02)
0.54
(0.02)
1.29
(0.05)
3.23
(0.13)
4.05
(0.16)
6.11
(0.24)
8.25
(0.32)
0.85
(0.03)
0.82
(0.03)
2.03
(0.08)
1.15
(0.05)
0.88
(0.03)
Y
X


Similar Part No. - SQJQ402E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJQ402E VISHAY-SQJQ402E Datasheet
212Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-16
SQJQ402E VISHAY-SQJQ402E Datasheet
171Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJQ402E VISHAY-SQJQ402E Datasheet
170Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJQ402E VISHAY-SQJQ402E_15 Datasheet
172Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 10-Nov-14
SQJQ402E VISHAY-SQJQ402E_V01 Datasheet
170Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQJQ402E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50N04-3M5L VISHAY-SQD50N04-3M5L Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 20-Aug-12
SQS400EN VISHAY-SQS400EN Datasheet
563Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 31-Oct-11
SQ2318AES VISHAY-SQ2318AES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
SQS484ENW VISHAY-SQS484ENW Datasheet
215Kb / 7P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 24-Oct-16
SQ3418EEV VISHAY-SQ3418EEV Datasheet
214Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
SQM120N04-1M7 VISHAY-SQM120N04-1M7_15 Datasheet
163Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 12-Mar-12
SQM120N04-1M9 VISHAY-SQM120N04-1M9_15 Datasheet
164Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Apr-12
SQM50N044M1 VISHAY-SQM50N044M1_15 Datasheet
167Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 26-Mar-12
SQM40016EM VISHAY-SQM40016EM_V01 Datasheet
213Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120N04-1M7 VISHAY-SQM120N04-1M7 Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQS484ENW VISHAY-SQS484ENW_V02 Datasheet
642Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com