Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW704510NC-TR Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW704510NC-TR
Description  Advanced PWM and Linear Power Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW704510NC-TR Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW704510NC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APW704510NC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APW704510NC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APW704510NC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APW704510NC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APW704510NC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APW704510NC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APW704510NC-TR Datasheet HTML 11Page - Anpec Electronics Coropration APW704510NC-TR Datasheet HTML 12Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.anpec.com.tw
10
APW7045
Copyright
 ANPEC Electronics Corp.
Rev.A.5 - Jan., 2003
Reference JEDEC Standard J-STD-020A APRIL 1999
Reflow Condition (IR/Convection or VPR Reflow)
Physical Specifications
Pre-heat temperature
183 C
Peak temperature
Time
°
Classification Reflow Profiles
Convection or IR/
Convection
VPR
Average ramp-up rate(183
°C to Peak)
3
°C/second max.
10
°C /second max.
Preheat temperature 125 ± 25
°C)
120 seconds max
Temperature maintained above 183
°C
60 – 150 seconds
Time within 5
°C of actual peak temperature 10 –20 seconds
60 seconds
Peak temperature range
220 +5/-0
°C or 235 +5/-0°C 215-219°C or 235 +5/-0°C
Ramp-down rate
6
°C /second max.
10
°C /second max.
Time 25
°C to peak temperature
6 minutes max.
Package Reflow Conditions
pkg. thickness
≥≥≥≥ 2.5mm
and all bgas
pkg. thickness < 2.5mm and
pkg. volume
≥≥≥≥ 350 mm³
pkg. thickness < 2.5mm and pkg.
volume < 350mm³
Convection 220 +5/-0
°C
Convection 235 +5/-0
°C
VPR 215-219
°C
VPR 235 +5/-0
°C
IR/Convection 220 +5/-0
°C
IR/Convection 235 +5/-0
°C
Terminal Material
Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb)
Lead Solderability
Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.


Similar Part No. - APW704510NC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7046 ANPEC-APW7046 Datasheet
148Kb / 12P
   Dual Advanced PWM and Source-Sink Linear Controller
APW7046AKC-TR ANPEC-APW7046AKC-TR Datasheet
148Kb / 12P
   Dual Advanced PWM and Source-Sink Linear Controller
APW7046AKC-TRL ANPEC-APW7046AKC-TRL Datasheet
148Kb / 12P
   Dual Advanced PWM and Source-Sink Linear Controller
APW7046AKC-TU ANPEC-APW7046AKC-TU Datasheet
148Kb / 12P
   Dual Advanced PWM and Source-Sink Linear Controller
APW7046AKC-TUL ANPEC-APW7046AKC-TUL Datasheet
148Kb / 12P
   Dual Advanced PWM and Source-Sink Linear Controller
More results

Similar Description - APW704510NC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
   Advanced PWM and Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Intersil Corporation
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
   Advanced PWM and Triple Linear Power Controller
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
   ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
   Advanced PWM and Triple Linear Power Controller
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
   Advanced PWM and Dual Fixed Linear Power Controller
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
   Advanced PWM and Dual Fixed Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com