Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQM120N06-3m5L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQM120N06-3m5L
Description  Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM120N06-3m5L Datasheet(HTML) 2 Page - Vishay Siliconix

  SQM120N06-3m5L Datasheet HTML 1Page - Vishay Siliconix SQM120N06-3m5L Datasheet HTML 2Page - Vishay Siliconix SQM120N06-3m5L Datasheet HTML 3Page - Vishay Siliconix SQM120N06-3m5L Datasheet HTML 4Page - Vishay Siliconix SQM120N06-3m5L Datasheet HTML 5Page - Vishay Siliconix SQM120N06-3m5L Datasheet HTML 6Page - Vishay Siliconix SQM120N06-3m5L Datasheet HTML 7Page - Vishay Siliconix SQM120N06-3m5L Datasheet HTML 8Page - Vishay Siliconix SQM120N06-3m5L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SQM60030E
www.vishay.com
Vishay Siliconix
S15-2916-Rev. A, 14-Dec-15
2
Document Number: 67284
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 μA
80
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.5
3
3.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 80 V
-
-
1
μA
VGS = 0 V
VDS = 80 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 80 V, TJ = 175 °C
-
-
800
On-State Drain Current a
ID(on)
VGS = 10 V
VDS  5 V
120
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V
ID = 30 A
-
0.0026
0.0032
VGS = 10 V
ID = 30 A, TJ = 125 °C
-
-
0.0051
VGS = 10 V
ID = 30 A, TJ = 175 °C
-
-
0.0062
Forward Transconductance b
gfs
VDS = 15 V, ID = 30 A
-
105
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = 25 V, f = 1 MHz
-
9500
12 000
pF
Output Capacitance
Coss
-
3300
4500
Reverse Transfer Capacitance
Crss
-
310
400
Total Gate Charge c
Qg
VGS = 10 V
VDS = 40 V, ID = 80 A
-
110
165
nC
Gate-Source Charge c
Qgs
-35
-
Gate-Drain Charge c
Qgd
-15
-
Gate Resistance
Rg
f = 1 MHz
0.7
1.45
2.2
Turn-On Delay Time c
td(on)
VDD = 40 V, RL = 0.5 
ID  80 A, VGEN = 10 V, Rg = 1 
-19
30
ns
Rise Time c
tr
-13
20
Turn-Off Delay Time c
td(off)
-39
60
Fall Time c
tf
-9
15
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
250
A
Forward Voltage
VSD
IF = 80 A, VGS = 0 V
-
0.9
1.5
V


Similar Part No. - SQM120N06-3m5L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N06-3m5L VISHAY-SQM120N06-3m5L Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM120N06-3m5L VISHAY-SQM120N06-3m5L Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM120N06-3M5L VISHAY-SQM120N06-3M5L Datasheet
176Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM120N06-3M5L-GE3 VISHAY-SQM120N06-3M5L-GE3 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 30-Jul-12
SQM120N06-3M5L-GE3 VISHAY-SQM120N06-3M5L-GE3 Datasheet
177Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQM120N06-3m5L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJA92EP VISHAY-SQJA92EP Datasheet
225Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQJA94EP VISHAY-SQJA94EP Datasheet
232Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJA80EP VISHAY-SQJA80EP Datasheet
188Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 22-Sep-16
SQJA84EP VISHAY-SQJA84EP Datasheet
232Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 29-Aug-16
SQJA86EP VISHAY-SQJA86EP Datasheet
220Kb / 7P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 03-Oct-16
SQJQ186ER VISHAY-SQJQ186ER_V01 Datasheet
182Kb / 6P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQSA82CENW VISHAY-SQSA82CENW_V01 Datasheet
189Kb / 6P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA86EP VISHAY-SQJA86EP_V02 Datasheet
279Kb / 10P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA96EP VISHAY-SQJA96EP_V02 Datasheet
278Kb / 10P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ186EP VISHAY-SQJ186EP_V02 Datasheet
323Kb / 8P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA84EP VISHAY-SQJA84EP_V02 Datasheet
293Kb / 10P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com