Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53AS102-K10N3 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 53AS102-K10N3
Description  Attenuator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

53AS102-K10N3 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  53AS102-K10N3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53AS102-K10N3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
N 50
Attenuator
Plug/Jack
53AS102-K10N3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 61169-16
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact - plug
Brass
Gold, min. 1.27 µm, over nickel
Center contact - jack
CuBe
Gold, min. 1.27 µm, over nickel
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Coupling nut
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PTFE
Substrate
Al2O3


Similar Part No. - 53AS102-K10N3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53AS102-K03N3 ROSENBERGER-53AS102-K03N3 Datasheet
542Kb / 2P
   Attenuator
53AS102-K30N3 ROSENBERGER-53AS102-K30N3 Datasheet
542Kb / 2P
   Attenuator
More results

Similar Description - 53AS102-K10N3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
28AS102-K06S3 ROSENBERGER-28AS102-K06S3 Datasheet
137Kb / 2P
   Attenuator
28AS102-K10S3 ROSENBERGER-28AS102-K10S3 Datasheet
114Kb / 2P
   Attenuator
09AS102-K06S3 ROSENBERGER-09AS102-K06S3 Datasheet
102Kb / 2P
   Attenuator
logo
Mini-Circuits
SAT-6DC-3A MINI-SAT-6DC-3A Datasheet
209Kb / 2P
   Attenuator
logo
Rosenberger Hochfrequen...
09AS102-K10S3 ROSENBERGER-09AS102-K10S3 Datasheet
102Kb / 2P
   Attenuator
08AS102-K40S3 ROSENBERGER-08AS102-K40S3 Datasheet
77Kb / 2P
   Attenuator
logo
Mini-Circuits
SAT-10DC-3A MINI-SAT-10DC-3A Datasheet
209Kb / 2P
   Attenuator
logo
Rosenberger Hochfrequen...
03AS102-K06S3 ROSENBERGER-03AS102-K06S3 Datasheet
532Kb / 2P
   Attenuator
03AS102-K10S3 ROSENBERGER-03AS102-K10S3 Datasheet
532Kb / 2P
   Attenuator
05AS102-S10S3 ROSENBERGER-05AS102-S10S3 Datasheet
146Kb / 2P
   Attenuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com