Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX9140AEE-TR Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX9140AEE-TR
Description  Hall Effect Sensor IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9140AEE-TR Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX9140AEE-TR Datasheet HTML 1Page - Anpec Electronics Coropration APX9140AEE-TR Datasheet HTML 2Page - Anpec Electronics Coropration APX9140AEE-TR Datasheet HTML 3Page - Anpec Electronics Coropration APX9140AEE-TR Datasheet HTML 4Page - Anpec Electronics Coropration APX9140AEE-TR Datasheet HTML 5Page - Anpec Electronics Coropration APX9140AEE-TR Datasheet HTML 6Page - Anpec Electronics Coropration APX9140AEE-TR Datasheet HTML 7Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Jul., 2002
APX9140
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Hall Effect Sensor IC
The APX9140 is an integrated Hall Effect Sensor IC
designed for electric commutation of DC brushless
motor applications. The APX9140 still can operate at
as low as 3 volts. The APX9140 is available in low
cost TO -92M package with 3 different magnetic
ranks.
Pin Description
Ordering Information
Features
General Description
••••• On-chip Hall Sensor
••••• Low Operating Supply Voltage : 3 V
••••• High Output Sinking Capability up to 400mA
••••• Versatile sensitivity and hysteresis setting
••••• Reliable and Rugged
••••• 4 pin TO-92M Package
Applications
••••• Speed Measurement
••••• Revolution Counting
••••• Brushless DC Motor
••••• Brushless DC Fan
APX9140
Magnetic Rank
Handling Code
Temp. Range
Package Code
Magnetic Rank
A : | Bop , Brp | < 70 Gauss
B : | Bop , Brp | < 100 Gauss
D : | Bop , Brp | < 150 Gauss
Package Code
E : TO - 92M4
Temp. Range
E : - 20 to 85 C
Handling Code
PB : Plastic Bag
TB : Tape & Box
TR : Tape & Reel
°
APX9140
1 : V
DD
23
2 : DO
1
3 : DOB
4
4 : GND
Front View


Similar Part No. - APX9140AEE-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9141 ANPEC-APX9141 Datasheet
79Kb / 8P
   Hall Effect Sensor IC with Reverse Voltage Protection
APX9141AEE-PB ANPEC-APX9141AEE-PB Datasheet
79Kb / 8P
   Hall Effect Sensor IC with Reverse Voltage Protection
APX9141AEE-PBL ANPEC-APX9141AEE-PBL Datasheet
79Kb / 8P
   Hall Effect Sensor IC with Reverse Voltage Protection
APX9141AEE-TB ANPEC-APX9141AEE-TB Datasheet
79Kb / 8P
   Hall Effect Sensor IC with Reverse Voltage Protection
APX9141AEE-TBL ANPEC-APX9141AEE-TBL Datasheet
79Kb / 8P
   Hall Effect Sensor IC with Reverse Voltage Protection
More results

Similar Description - APX9140AEE-TR

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
   Hall Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com