Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-6130-001 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6130-001
Description  Optical Mouse Designer?셲 Kit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6130-001 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-6130-001 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-6130-001 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Figure 4. Exploded view drawing of optical tracking engine with ADNS-6000 Optical Mouse Sensor
Figure 3. USB peripheral connectors
ADNS-6000 (sensor)
Customer Supplied PCB
ADNS-6120 (lens)*
Customer Supplied Base Plate
With Recommended Features
Per IGES Drawing
Customer Supplied VCSEL PCB
ADNV-6340 (VCSEL)
ADNS-6230-001 (clip)
Some details on ADNK-6003-SP01
The ADNK-6003-SP01 reference design mouse unit allows
users to evaluate the performance of the Optical Tracking
Engine (sensor, lens, LASER assembly clip, LASER) over
a USB Sunplus SPCP825A USB Controller. This kit also
enables users to understand the recommended mechani-
cal assembly. (See Appendix C and D)
System Requirements
PCs using Windows
® 95/ Windows® 98/ Windows® NT/
Windows
® 2000 with standard 3-button USB mouse
driver loaded.
Operating (For USB Mode)
Hot pluggable with USB port. The PC does not need to be
powered off when plugging or unplugging the evalua-
tion mouse.
To Disassemble the ADNK-6003-SP01 Unit
The ADNK-6003-SP01 comprises of the plastic mouse
casing, printed circuit board (PCB), lens, buttons, and USB
cable. (See Figure 4.) Unscrewing the one screw located
at the base of the unit can open the ADNK-6003-SP01
unit. Lifting and pulling the PCB out of the base plate can
further disassemble the mouse unit.
Caution: The lens is not permanently attached to the
sensor and will drop out of the assembly.
*or ADNS-6130-001 for trim lens
Mouse Buttons
Mouse buttons are connected as standard switches. These
switches are pulled up by the pull up resistors inside the
microcontroller. When the user presses a button, the
switch will be closed and the pin will be pulled LOW to
GND. A LOW state at the pin is interpreted as the button
being pressed. A HIGH state is interpreted as the button
has been released or the button is not being pressed.
Normally the switches are debounced in firmware for 15-
20ms. In this reference design there are three switches:
left, Z-wheel, and right.
USB Connection
The Sunplus SPCP825A has a configuration register that
switches control from the SIE to manual control on the
D+ and D- pins. This allows the firmware to dynamically
configure itself to operate as a USB mouse. The firmware
for this reference design will automatically detect the
host topology (USB). The connections for the connectors
are shown in Figure 3 below.


Similar Part No. - ADNS-6130-001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-6130-001 HP-ADNS-6130-001 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6130-001 BOARDCOM-ADNS-6130-001 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6130-001 AVAGO-ADNS-6130-001 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6130-001 BOARDCOM-ADNS-6130-001 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6130-001 AVAGO-ADNS-6130-001 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
More results

Similar Description - ADNS-6130-001

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
ADNK-2623 BOARDCOM-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
   Optical Mouse Designer?셲 Kit
ADNK-2623 AVAGO-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3043-TI27 AVAGO-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
ADNK-6033-CC24 AVAGO-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com