Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-6120 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6120
Description  Low Power Laser Mouse Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6120 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-6120 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADNK-6030
Low Power Laser Mouse Sensor
Sample Kit
Sensor, Lens, Assembly Clip and VCSEL
The sensor technical information is contained in the ADNS-
6030 Low Power Laser Mouse Data Sheet.
3D Model IGES Files
The IGES file provides recommended base plate molding
features to ensure optical alignment.
Kit Components
Part Number
Description
Name
Quantity
ADNS-6030
Low Power Laser Mouse Sensor
Sensor
5
ADNS-6120
Laser Mouse Round Lens
Lens
5
ADNS-6130-001
Laser Mouse Trim Lens
Lens
5
ADNS-6230-001
Laser Mouse VCSEL Assembly Clip
VCSEL Clip
5
ADNV-6340
Single-Mode Vertical-Cavity Surface Emitting Laser (VCSEL)
VCSEL
5
CD
1. ADNS-6030 Data Sheet
2. ADNS-6120 Round Lens
3. ADNS-6130-001 Trim Lens Data Sheet
4. ADNS-6230-001 VCSEL Assembly Clip Data Sheet
5. ADNV-6340 VCSEL Data Sheet
6. 3D Model IGES Files
7. Avago ADNS-6030 Laser Mouse Eye Safety
Calculation Application Note 5230
-
1
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies. All rights reserved. Obsoletes 5989-3418EN
AV02-1213EN - September 22, 2008
CD
The above technical information for the sensor, lens,
assembly clip and VCSEL and 3D Model IGES Files is
contained within this media.


Similar Part No. - ADNS-6120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-6120 HP-ADNS-6120 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6120 BOARDCOM-ADNS-6120 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6120 AVAGO-ADNS-6120 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6120 BOARDCOM-ADNS-6120 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6120 AVAGO-ADNS-6120 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
More results

Similar Description - ADNS-6120

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3610DM-SUDU PIXART-PMW3610DM-SUDU Datasheet
589Kb / 8P
   Low Power Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-7050 BOARDCOM-ADNK-7050 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
ADNK-6030 BOARDCOM-ADNK-6030 Datasheet
120Kb / 1P
   Low Power Laser Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7050 AVAGO-ADNK-7050 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
logo
Pixart Imaging Inc.
PAW3603DH PIXART-PAW3603DH Datasheet
728Kb / 32P
   LOW POWER WIRELESS LASER MOUSE SENSOR
PAW3603DH-NF PIXART-PAW3603DH-NF Datasheet
728Kb / 32P
   LOW POWER WIRELESS LASER MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
   Laser Mouse Sensor
ADNK-6010 AVAGO-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
ADNS-7050 AVAGO-ADNS-7050 Datasheet
401Kb / 34P
   Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-6010 BOARDCOM-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com