Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQ1045A Datasheet(PDF) 1 Page - Fox Electronics

Part # FQ1045A
Description  Resin Sealed SMD Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FQ1045A Datasheet(HTML) 1 Page - Fox Electronics

  FQ1045A Datasheet HTML 1Page - Fox Electronics FQ1045A Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
FEATURES
• Surface Mount Resin Sealed
• Low Cost
• Ultra Low Profile
• Fundamental
OPTIONS
• Tolerances to ± 20 PPM
• Stabilities to ± 20 PPM
• Temp Range to -40ºC ~ +85ºC
All dimensions are in millimeters.
1
Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer
Service for specific requirements.
NOTE: The above specifications, having been carefully prepared and checked, is believed to be
accurate at the time of publication; however , no responsibility is assumed by Fox Electronics
for inaccuracies. All specifications subject to change without notice.
• PART NUMBER SELECTION
3.2768 ~ 7.000
FQ1045A
Model Number
Part Number
735A-Frequency-xxxxx
• PART NUMBER
Frequency Range (MHz)
3.2768 ~ 7.000
Frequency Range
(MHz)
Fundamental
150
Operating Mode
Max ESR Ω
PARAMETERS
Frequency Range
(Fo)
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging per year
3.2768 ~ 7.000 MHz
±30 PPM 1
±30 PPM 1
0ºC ~ +70ºC 1
-40ºC ~ +85ºC
7 pF
10 pF ~ Series
(Customer Specified)
0.5 mW
±5 PPM
• STANDARD SPECIFICATIONS1
MAX (unless otherwise noted)
Resin Sealed SMD Crystal
Rev. 5/5/2014
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FQ1045A
Page 1 of 2
Termination Finish: Au


Similar Part No. - FQ1045A

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQ1045A FOX-FQ1045A Datasheet
149Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A FOX-FQ1045A Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A FOX-FQ1045A Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-3.6864 FOX-FQ1045A-3.6864 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-3.6864 FOX-FQ1045A-3.6864 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
More results

Similar Description - FQ1045A

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQ5032B-20 FOX-FQ5032B-20 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ1045AR-3.6864 FOX-FQ1045AR-3.6864 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-49152 FOX-FQ1045A-49152 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com