Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-QWBF-NKL0E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-QWBF-NKL0E
Description  High reliability package with enhanced silicone resin encapsulation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-QWBF-NKL0E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASMT-QWBF-NKL0E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBF-NKL0E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBF-NKL0E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBF-NKL0E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBF-NKL0E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBF-NKL0E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBF-NKL0E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBF-NKL0E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBF-NKL0E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Figure 15. Tape leader and trailer dimensions
Figure 16. Tape dimensions
200 mm MIN. FOR Ø180 REEL.
200 mm MIN. FOR Ø330 REEL.
TRAILER
COMPONENT
LEADER
480 mm MIN. FOR Ø180 REEL.
960 mm MIN. FOR Ø330 REEL.
C
A
USER FEED DIRECTION
4 ± 0.1
4 ± 0.1
4 ± 0.1
4 ± 0.1
2 ± 0.05
3.5 ± 0.05
8 +0.3
–0.1
2.29 ± 0.1
3.8 ± 0.1
0.229 ± 0.01
3.05 ± 0.1
1.75 ± 0.1
1.5 +0.1
–0
1 +0.1
–0
A
C
A
C


Similar Part No. - ASMT-QWBF-NKL0E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QWB2-NEF0E AVAGO-ASMT-QWB2-NEF0E Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
ASMT-QWBG-NFH0E AVAGO-ASMT-QWBG-NFH0E Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
ASMT-QWBG-NFHAE AVAGO-ASMT-QWBG-NFHAE Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
ASMT-QWBG-NFHBE AVAGO-ASMT-QWBG-NFHBE Datasheet
183Kb / 9P
   0.5W Cool White Power PLCC4 Surface Mount LED
More results

Similar Description - ASMT-QWBF-NKL0E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UYBG AVAGO-ASMT-UYBG Datasheet
181Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QYBG AVAGO-ASMT-QYBG Datasheet
182Kb / 9P
   High reliability package with enhanced silicone resin encapsulation
ASMT-UWBG AVAGO-ASMT-UWBG Datasheet
181Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
logo
OSRAM GmbH
LTRBR8SR-8A7B-0117 OSRAM-LTRBR8SR-8A7B-0117 Datasheet
796Kb / 25P
   SMD package with silicone resin
KRBTQDLP61.3A OSRAM-KRBTQDLP61.3A Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-RASR OSRAM-LTRB-RASR Datasheet
1Mb / 23P
   SMD package with silicone resin
LTRB-R8SF OSRAM-LTRB-R8SF Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRBR8SF-8A7B-0117 OSRAM-LTRBR8SF-8A7B-0117 Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRB-R8SR OSRAM-LTRB-R8SR Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRBRASF-5B5C-0112 OSRAM-LTRBRASF-5B5C-0112 Datasheet
1,002Kb / 23P
   SMD package with silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com