Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-QYBF-NJK0E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-QYBF-NJK0E
Description  High brightness with optimum fl ux performance using InGaN chip technologies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-QYBF-NJK0E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-QYBF-NJK0E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBF-NJK0E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBF-NJK0E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBF-NJK0E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBF-NJK0E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBF-NJK0E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBF-NJK0E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBF-NJK0E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-QYBF-NJK0E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ASMT-QYBF-NJK0E
Super 0.5 W Warm White Power PLCC-4
Surface Mount LED Indicator
Data Sheet
CAUTION: LEDs are Class 2 ESD sensitive. Please observe appropriate precautions during handling and processing.
Description
The Super 0.5 W Warm White Power PLCC-4 SMT LED is
using InGaN chip technology. The package can be driven
at high current due to its superior package design. The
product is able to dissipate the heat more efficiently
compared to the Power PLCC-4 SMT LEDs. These LEDs
produce higher light output with better flux performance
compared to the Power PLCC-4 SMT LED.
The Super 0.5 W Warm White Power PLCC-4 SMT LEDs are
designed for higher reliability, better performance, and
operate under a wide range of environmental conditions.
To facilitate easy pick and place assembly, the LEDs are
packed in EIA-compliant tape and reel. Every reel is
shipped in single intensity and color bin, to provide close
uniformity.
Features
 Industry Standard PLCC 4 platform (3.2 x 2.8 x 1.9 mm)
 High reliability package with enhanced silicone resin
encapsulation
 High brightness with optimum flux performance using
InGaN chip technologies
 Available in Warm White
 Available in 8 mm carrier tape & 7 inch reel
 Wide viewing angle at 120 degree
 JEDEC MSL 2
Applications
 Interior automotive
a. Instrument panel backlighting
b. Central console backlighting
c. Navigation and audio system backlighting
d. Dome/Map lighting
e. Push button backlighting
f. Puddle lamp
g. Glove compartment illumination
 Electronic signs and signals
a. Decorative lighting
 Office automation, home appliances, industrial
equipment
a. Panel/button backlighting
b. Display backlighting
 Others
Illuminations
Advertising board Back lighting


Similar Part No. - ASMT-QYBF-NJK0E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QYBG AVAGO-ASMT-QYBG Datasheet
182Kb / 9P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QYBG-NEG1E AVAGO-ASMT-QYBG-NEG1E Datasheet
182Kb / 9P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QYBG-NEGGE AVAGO-ASMT-QYBG-NEGGE Datasheet
182Kb / 9P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QYBG-NEGHE AVAGO-ASMT-QYBG-NEGHE Datasheet
182Kb / 9P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QYBG-NEGJE AVAGO-ASMT-QYBG-NEGJE Datasheet
182Kb / 9P
   High reliability package with enhanced silicone resin encapsulation
More results

Similar Description - ASMT-QYBF-NJK0E

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDW-DJD-V2W-1 DOMINANT-DDW-DJD-V2W-1 Datasheet
770Kb / 12P
   LED InGaN White High Brightness
logo
Purdy Electronics Corpo...
AND720HW PURDY-AND720HW Datasheet
128Kb / 3P
   InGaN High Brightness White Light Emission
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A400-S30M1 AVAGO-HSMC-A400-S30M1 Datasheet
347Kb / 11P
   SMT LED Surface Mount LED Indicator High brightness using AlInGaP and InGaN dice
logo
BRIGHT LED ELECTRONICS ...
BL-PSB-USS-C10 BRIGHT-BL-PSB-USS-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PST-USS-C20 BRIGHT-BL-PST-USS-C20 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PDT-UJS-C10 BRIGHT-BL-PDT-UJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDT-CJS-C10 BRIGHT-BL-PDT-CJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-SJD-C10 BRIGHT-BL-PDW-SJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PSW-SSD-C10 BRIGHT-BL-PSW-SSD-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PDW-UJD-C10 BRIGHT-BL-PDW-UJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com