Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ723-2C-6A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AZ723-2C-6A
Description  MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AZ723-2C-6A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ723-2C-6A Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ723-2C-6A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZETTLER electronics
Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com
1998-10-28
AZ723
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at rated load
Operate Time (typical)
8 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 3000 Vrms between contact sets
1000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C,
Resistance
500 VDC 50% RH
Dropout
Greater than 30%
of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" DA at 10–55 Hz
Shock
10 g
Enclosure
PC (94V-0)
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Weight
17 grams
CONTACTS
Arrangement
DPST (2 Form A)
DPDT (2 Form C)
Ratings
Resistive load:
Max. switched power: 150 W, 1250 VA
Max. switched current: 5 A
Max. switched voltage: 150 VDC/400 VAC
Inductive load: (cosØ =0.4)
Max. switched power: 90W or 500VA
Max. Switched current: 5A
Max. switched voltage: 125VDC or 400 VAC
Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
Rated Load
5 A 250 VAC, resistive
UL, CUR
5 A 30VDC resistive
1
/3 HP 240 VAC
Min. Load
5 VDC, .01A
Material
Silver alloy
Resistance
30 milliohms initially (6V, 1A method)
MINIATURE
POWER RELAY
FEATURES
• AC coils
• Dielectric strength 5000 Vrms
• Low cost
• Flux tight package
• 5 Amp switching - double pole contacts
• Isolation spacing greater than 8mm
• Molded materials: all 94V-0
• UL and Canadian file E43203
COIL
Power
At Pickup Voltage
576 mW
(typical)
Max. Continuous
1.5 W at 20°C (68°F) ambient
Dissipation
1.2 W at 40°C (104°F) ambient
Temperature Rise
36°C (97°F) at nominal coil voltage
Temperature
Max. 105°C (221°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ723-2C-6A

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ723-2C-6A AZETTLER-AZ723-2C-6A Datasheet
105Kb / 2P
   MINIATURE POWER RELAY
More results

Similar Description - AZ723-2C-6A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com