Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53S173-K00N3 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 53S173-K00N3
Description  Matching Attenuator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

53S173-K00N3 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  53S173-K00N3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53S173-K00N3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
N
Matching Attenuator
50
Ω Plug – 75 Ω Jack
53S173-K00N3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 60169-16, MIL-PRF-39012, CECC 22210
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact - plug
Brass
Gold, min. 1.27 µm, over nickel
Center contact - jack
CuBe
Gold, min. 1.27 µm, over nickel
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Coupling nut
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PTFE
Substrate
Al2O3


Similar Part No. - 53S173-K00N3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53S171-K00N3 ROSENBERGER-53S171-K00N3 Datasheet
178Kb / 2P
   MATCHING ATTENUATOR N 50廓 PLUG ??BNC 75廓 JACK
53S17R-001N3 ROSENBERGER-53S17R-001N3 Datasheet
82Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
53S17R-010N3 ROSENBERGER-53S17R-010N3 Datasheet
71Kb / 2P
   Termination
More results

Similar Description - 53S173-K00N3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
51S171-K00N4 ROSENBERGER-51S171-K00N4 Datasheet
191Kb / 2P
   MATCHING ATTENUATOR
05S1P5-K2AS3 ROSENBERGER-05S1P5-K2AS3 Datasheet
563Kb / 2P
   Matching Attenuator
05K1P5-S2AS3 ROSENBERGER-05K1P5-S2AS3 Datasheet
544Kb / 2P
   Matching Attenuator
51K171-S00N4 ROSENBERGER-51K171-S00N4 Datasheet
188Kb / 2P
   MATCHING ATTENUATOR 50廓 JACK ??75廓 PLUG
53S171-K00N3 ROSENBERGER-53S171-K00N3 Datasheet
178Kb / 2P
   MATCHING ATTENUATOR N 50廓 PLUG ??BNC 75廓 JACK
logo
Mini-Circuits
BMP-5075++ MINI-BMP-5075+ Datasheet
134Kb / 1P
   Matching Pad
Z7550-FFSF MINI-Z7550-FFSF Datasheet
324Kb / 2P
   Matching Transformer
Z7550-BMBF MINI-Z7550-BMBF Datasheet
379Kb / 2P
   Matching Transformer
logo
API Technologies Corp
TEW4087 APITECH-TEW4087 Datasheet
393Kb / 1P
   Matching Transformer
logo
Mini-Circuits
UNMP-5075-33R MINI-UNMP-5075-33R Datasheet
284Kb / 3P
   Matching Pad
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com