Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5200 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5200
Description  Optical Mouse Designer?셲 Kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5200 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5200 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-5200 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-5200 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ADNK-5023-CY02
Optical Mouse Designer’s Kit
Product Overview
Description
Avago Technologies has produced a new optical
mouse reference design kit. Based on the new Avago
Technologies ADNS-5020-EN small form factor optical
mouse sensor and the powerful Cypress CY7C63743
enCoRe
 USB microcontroller, this reference design
kit provides a low cost and yet, feature-rich solution
in one neat package.
The Avago Technologies ADNS-5020-EN optical
mouse sensor, an 8-pin staggered dual inline
package (DIP), is based on an optimized architecture
with good navigation performance. It is able to
measure changes in position by optically acquiring
sequential surface images with auto frame rate
feature and mathematically determining the
direction and magnitude of movement.
The ADNS-5020-EN along with the ADNS-5100 lens,
ADNS-5200 clip and HLMP-ED80-XX000 form a
complete, compact optical mouse tracking system.
There are no mechanical parts, which means high
reliability and less maintenance for the end user. In
addition, precision optical alignment is not required,
facilitating high volume assembly. The sensor is
programmed via registers through a three-wire serial
port.
The Cypress CY7C63743 enCoRe
 is a revolutionary
chip
that
integrates
numerous
common
components, including breakthrough crystal-less
oscillator. The result is an overall reduction in board
components and reduced system cost. The EPROM
based microcontroller allows easy firmware
modification, as well as storage of Vendor and
Product ID
s without an external EEPROM.
Features
• Complete optical mouse reference design kit
• ADNS-5020-EN small form factor optical mouse
sensor
• Optimized architecture for simpler circuitry and
minimal number of passive components
• No mechanical moving parts for easy maintenance
and high reliability
• SmartSpeed self-adjusting frame rate for optimum
performance
• Serial port burst mode for fast data transfer
• 500 or 1000 cpi selectable resolution
• Single 5.0 volt power supply
• Three-wire serial port along with reset (NRESET) pin
• Cypress enCoRe CY7C63743 USB controller
• USB or PS/2 interface for PC connection
• Proprietary 8-bit RISC processor, USB and PS/2-
optimized interface for high system performance
• 8K Bytes of internal EPROM provided to enable easy
customization of firmware and lower cost
• Conforms to USB suspend mode specifications


Similar Part No. - ADNS-5200

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5200 AVAGO-ADNS-5200 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
ADNS-5200 AVAGO-ADNS-5200 Datasheet
108Kb / 1P
   Optical Mouse Sensor
ADNS-5200 AVAGO-ADNS-5200 Datasheet
89Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-5200 BOARDCOM-ADNS-5200 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
ADNS-5200 BOARDCOM-ADNS-5200 Datasheet
108Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - ADNS-5200

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
ADNK-2623 BOARDCOM-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 AVAGO-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2623 AVAGO-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3043-TI27 AVAGO-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
ADNK-6033-CC24 AVAGO-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com