Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3227 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # W3227
Description  Patch Antenna
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3227 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  W3227 Datasheet HTML 1Page - Pulse A Technitrol Company W3227 Datasheet HTML 2Page - Pulse A Technitrol Company W3227 Datasheet HTML 3Page - Pulse A Technitrol Company W3227 Datasheet HTML 4Page - Pulse A Technitrol Company W3227 Datasheet HTML 5Page - Pulse A Technitrol Company W3227 Datasheet HTML 6Page - Pulse A Technitrol Company W3227 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Issue: 1704P
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: Ceramic Patch Antenna, 40x40x6.6mm
PIN Mount, GNSS/IRIDIUM
PART NUMBER: W3227
Series: Patch Antenna
2
Antenna Type
Ceramic Patch antenna
Center Frequency
1621MHz ±10MHz
Frequency band
1532-1709MHz
Nominal Impedance
50
VSWR in whole band
<3.5:1
VSWR at center frequency
<1.7:1
Peak RHCP Gain at Zenith
>4dBic at center frequency
Half Power Beam Width
110̊ Solid angle
Efficiency
60% typical
Polarization
RHCP
Overall Length
1.575 x 1.575 x 0.26”
Weight
35.8 g
Antenna Color / Material
White
Operating Temperature
-40°C to +105°C
Storage Temperature
-40°C to +105°C
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS*
* All test on 63X63mm ground plane


Similar Part No. - W3227

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3223 PULSE-W3223 Datasheet
883Kb / 9P
   25x25x4mm GPS/GlonassPin MOUNT
W3224 PULSE-W3224 Datasheet
1Mb / 10P
   18x18x4mm GPS/GlonassSMD MOUNT
W3225 PULSE-W3225 Datasheet
1Mb / 11P
   25x25x4mm GPS/GlonassSMD
logo
Superworld Electronics
W3225F-102J SUPERWORLD-W3225F-102J Datasheet
223Kb / 4P
   Transponder Coil
W3225F-132J SUPERWORLD-W3225F-132J Datasheet
223Kb / 4P
   Transponder Coil
More results

Similar Description - W3227

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RPA-GP-P-25-G RALTRON-RPA-GP-P-25-G Datasheet
795Kb / 10P
   PATCH ANTENNA
logo
YAGEO Corporation
ANT2525B00FT1575S YAGEO-ANT2525B00FT1575S Datasheet
557Kb / 6P
   Ceramic Patch Antenna
ANT1818B00DT1516S YAGEO-ANT1818B00DT1516S Datasheet
524Kb / 6P
   Ceramic Patch Antenna
ANT2525B00FTGNSSS YAGEO-ANT2525B00FTGNSSS Datasheet
618Kb / 6P
   Ceramic Patch Antenna
logo
Vanlong Technology Co.,...
PA1580S25XA VANLONG-PA1580S25XA Datasheet
47Kb / 1P
   Ceramic Patch Antenna
logo
Laird Tech Smart Techno...
S9028P LSTD-S9028P Datasheet
530Kb / 1P
   Single Patch Antenna
logo
Abracon Corporation
APAES915R80C16-T ABRACON-APAES915R80C16-T Datasheet
2Mb / 3P
   RFID Patch Antenna
06.17.14
logo
YAGEO Corporation
ANT1818B00AT1575S YAGEO-ANT1818B00AT1575S Datasheet
530Kb / 5P
   Ceramic Patch Antenna
ANT2525B00ET1575S YAGEO-ANT2525B00ET1575S Datasheet
544Kb / 6P
   Ceramic Patch Antenna
logo
Taoglas antenna solutio...
WLP2450244A02 TAOGLAS-WLP2450244A02 Datasheet
1Mb / 15P
   2450MHz Patch Antenna
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com