Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3317 Datasheet(PDF) 11 Page - Pulse A Technitrol Company

Part # W3317
Description  Embedded Antenna
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W3317 Datasheet(HTML) 11 Page - Pulse A Technitrol Company

Back Button W3317 Datasheet HTML 6Page - Pulse A Technitrol Company W3317 Datasheet HTML 7Page - Pulse A Technitrol Company W3317 Datasheet HTML 8Page - Pulse A Technitrol Company W3317 Datasheet HTML 9Page - Pulse A Technitrol Company W3317 Datasheet HTML 10Page - Pulse A Technitrol Company W3317 Datasheet HTML 11Page - Pulse A Technitrol Company W3317 Datasheet HTML 12Page - Pulse A Technitrol Company W3317 Datasheet HTML 13Page - Pulse A Technitrol Company W3317 Datasheet HTML 14Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Issue: 1649
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: 2.4-2.5GHz Sheet Metal PIFA
PART NUMBER: W3317
Series: Embedded Antenna
CHARTS
11
Gain plots
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
2400MHz
2450MHz
2500MHz
Phi Angle (°)
-2.73
2.41
75
-2.44
2.34
70
-2.32
2.48
65
XY Plane
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2400MHz
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2450MHz
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2500MHz


Similar Part No. - W3317

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3312 PULSE-W3312 Datasheet
656Kb / 12P
   PCB Antenna with coax feed
W3312B0100 PULSE-W3312B0100 Datasheet
594Kb / 11P
   PCB Antenna with coax feed
W3312B0100 PULSE-W3312B0100 Datasheet
656Kb / 12P
   PCB Antenna with coax feed
W3312B0100 PULSE-W3312B0100 Datasheet
760Kb / 4P
   : Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
W3312B0100 PULSE-W3312B0100 Datasheet
952Kb / 12P
   ISM 868/915MHz PCB Antenna with coax feed
More results

Similar Description - W3317

ManufacturerPart #DatasheetDescription
logo
NimbeLink Corp.
CRJKS0010-LNA-G65U NIMBELINK-CRJKS0010-LNA-G65U Datasheet
512Kb / 2P
   CRJKS0010 Embedded GPS Antenna Embedded Ceramic GPS Antenna
logo
TE Connectivity Ltd
956-510-5XX TEC-956-510-5XX Datasheet
315Kb / 2P
   GPS Embedded Antenna
logo
Maxtena Inc.
M4HCT-A-EMB MAXTENA-M4HCT-A-EMB Datasheet
1Mb / 4P
   Embedded Active antenna
REV A
logo
TE Connectivity Ltd
956-311-1XX TEC-956-311-1XX Datasheet
296Kb / 2P
   IRIDIUM Embedded Antenna
logo
Maxtena Inc.
M7HCT-A-EMB MAXTENA-M7HCT-A-EMB Datasheet
2Mb / 6P
   Embedded Active antenna
REV A
logo
Pulse A Technitrol Comp...
W3015L PULSE-W3015L Datasheet
1Mb / 14P
   ISM433MHz Embedded Antenna
logo
Maxtena Inc.
M8HCT-A-EMB MAXTENA-M8HCT-A-EMB Datasheet
3Mb / 7P
   Embedded Active antenna
REV A
logo
World Produts Inc.
WPANT10040-C1B WPI-WPANT10040-C1B Datasheet
105Kb / 2P
   420 MHz Embedded Antenna
WPANT10046-C1A WPI-WPANT10046-C1A Datasheet
102Kb / 2P
   2.2 GHz Embedded Antenna
WPANT10040 WPI-WPANT10040 Datasheet
98Kb / 2P
   420 MHz Embedded Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com