Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R40-6710594 Datasheet(PDF) 1 Page - Harwin Plc

Part # R40-6710594
Description  Metric Spacers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

R40-6710594 Datasheet(HTML) 1 Page - Harwin Plc

  R40-6710594 Datasheet HTML 1Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
263
www.harwin.com
All dimensions in mm.
CLEARANCE FOR M3 THREAD
CLEARANCE FOR M4 THREAD
Materials
Base material:
Brass, Aluminium or Plastic
Finish
Brass:
Nickel
Aluminium:
Clear Passivate
Materials
Base material:
Brass or Plastic
Finish
Brass:
Nickel
HOW TO ORDER
HOW TO ORDER
R30 - 6 XX XX XX
SERIES CODE
MATERIAL
01
Brass
20
Aluminium
70
Plastic
LENGTH (mm)
03 to 16, 18, 20, 25, 30
Brass, Aluminium
03 to 16, 18, 20, 25
Plastic
FINISH
02
Nickel (Brass only)
14
Passivation (Aluminium only)
94
White (Plastic only)
R40 - 6 XX XX XX
SERIES CODE
MATERIAL
00
Brass
71
Plastic
LENGTH (mm)
03 to 16, 18, 20, 25, 30
Brass
03, 05 to 08, 10 to 12, 15, 18
Plastic
FINISH
02
Nickel (Brass only)
94
White (Plastic only)
Standard lengths available from 3 to 30mm.
Brass spacers: base material is free-machining brass,
with nickel plating.
Aluminium spacers: supplied with a clear passivation finish
to prevent oxidation.
Plastic material: Nylon 66 UL94V-2.
Clearance Spacers
Metric Spacers
Ø4.76 (Brass)
Ø5.00 (Aluminium, Plastic)
Length
Ø3.30 (Brass)
Ø3.20 (Aluminium, Plastic)
Ø6.35 (Brass)
Ø6.30 (Plastic)
Length
Ø4.40 (Brass)
Ø4.20 (Plastic)


Similar Part No. - R40-6710594

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
R40-671 HARWIN-R40-671 Datasheet
2Mb / 1P
   Metric Spacers
R40-6711294 HARWIN-R40-6711294 Datasheet
88Kb / 1P
   Metric Spacers
More results

Similar Description - R40-6710594

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
R40-6000402 HARWIN-R40-6000402 Datasheet
2Mb / 1P
   Metric Spacers
R40-6711294 HARWIN-R40-6711294 Datasheet
88Kb / 1P
   Metric Spacers
R30-1611100 HARWIN-R30-1611100 Datasheet
2Mb / 1P
   Metric & Imperial Spacers
logo
List of Unclassifed Man...
24422 ETC2-24422 Datasheet
115Kb / 2P
   METRIC STANDOFFS AND SPACERS
24406 ETC2-24406 Datasheet
355Kb / 1P
   METRIC STANDOFFS AND SPACERS
24421 ETC2-24421 Datasheet
89Kb / 1P
   METRIC STANDOFFS AND SPACERS
logo
Richco, Inc.
R910-4 RICHCO-R910-4 Datasheet
26Kb / 1P
   NYLON SPACERS
logo
List of Unclassifed Man...
1483 ETC2-1483 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
logo
Harwin Plc
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
   CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
   CLEARANCE SPACERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com