Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS-AD11RD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BS-AD11RD
Description  SINGLE DIGIT LED DISPLAYS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS-AD11RD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BS-AD11RD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BS-AD11RD
BS-CD11RD
GaAsP/Red
655
40
320
40
200
6.8
8.0
6.0
BS-AD15RD
BS-CD15RD
BS-AD15RE
BS-CD15RE
GaP/ Bright Red
700
90
160
15
50
8.8 10.0
8.0
BS-AD12RD
BS-CD12RD
GaP/ Green
568
30
310
30
150
8.8 10.0
12.0
BS-AD13RD
BS-CD13RD
GaAsP/GaP/ Yellow
585
35
310
30
150
8.4 10.0
10.0
GaAsP/GaP/ Hi-Eff.Red
BS-AD14RD
BS-CD14RD
GaAsP/GaP/ Orange
635
45
310
30
150
8.0 10.0
12.0
BS-AD16RD
BS-CD16RD
GaAlAs/ SH Super Red
660
20
310
30
150
6.8 10.0
18.0
2.30"
Single-Digit
BS-AD1FRD
BS-CD1FRD
GaAlAs/ DDH Super Red
660
20
310
30
150
8.0 10.0
25.0
SD-57
BS-AD21RD
BS-CD21RD
GaAsP/Red
655
40
160
40
200
3.4
4.0
2.5
BS-AD25RD
BS-CD25RD
BS-AD25RE
BS-CD25RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BS-AD22RD
BS-CD22RD
GaP/ Green
568
30
160
30
150
4.4
5.0
5.0
BS-AD23RD
BS-CD23RD
GaAsP/GaP/ Yellow
585
35
160
30
150
4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BS-AD24RD
BS-CD24RD
GaAsP/GaP/ Orange
635
45
160
30
150
4.4
5.0
5.0
BS-AD26RD
BS-CD26RD
GaAlAs/ SH Super Red
660
20
160
30
150
3.4
5.0
10.0
2.30"
Alpha-Numeric
Single-Digit
BS-AD2FRD
BS-CD2FRD
GaAlAs/ DDH Super Red
660
20
160
30
150
4.0
5.0
15.0
SD-58
SD-57
BS-A
CD1xRD
SD-58
BS-A
CD2XRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
47.70(1.878)
31.90(1.256)
3.00(.118)MIN.
1,5
B
6
A
7
FG
E
D
C
43
9
210
E0.50(.020)
2.54(.100)
56.90(2.240)
10B
DP
8
E5.5(.217)
12.00(.472)
E
D
F
69.70(2.744)
DP
C
G
A
B
59.80(2.354)
+
PIN 1.
BS-AD1xRD
56.8(2.3)
10B
31.8(1.25)
69.84(2.75)
47.90(1.89)
2.54(.01)
3.0(.118)
10.0(.394)
60.50(2.381)
E0.5(.020)
E4.5(.181)
F
C
B
E
G1
2
G2
12
K
16
15
L
DP
8
M
6
N
P
10
5
A1
A2
D1
D2
K
J
L
DP
M
N
G2
G1
P
17
A1
B
13
A2
14
9
C
4
D1 D2
7
1,11
EF
19
3
18
J
NC: 20.
PIN.1
+
BS-AD2xRD
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-AD11RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-AD14RD BRIGHT-BS-AD14RD Datasheet
165Kb / 3P
   56.90mm(2.30) high single digit seven segments
BS-AD16RD BRIGHT-BS-AD16RD Datasheet
235Kb / 3P
   56.90mm(2.30) high single digit seven segments
BS-AD1FRD BRIGHT-BS-AD1FRD Datasheet
139Kb / 3P
   2.30(56.90MM) single DIGIT LED DISPLAY
More results

Similar Description - BS-AD11RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-AB31RD YSTONE-BS-AB31RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-A831RD ETC1-BS-A831RD Datasheet
260Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com