Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMT-UYBJ Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-UYBJ
Description  High reliability package with enhanced silicone resin encapsulation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-UYBJ Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASMT-UYBJ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-UYBJ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-UYBJ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-UYBJ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-UYBJ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-UYBJ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-UYBJ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-UYBJ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASMT-UYBJ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
J
9A, 9B, 9C, 9D
K
1A, 1B, 1C, 1D, 2A, 2B, 2C, 2D
L
2A, 2B, 2C, 2D, 3A, 3B, 3C, 3D
M
3A, 3B, 3C, 3D, 4A, 4B, 4C, 4D
N
4A, 4B, 4C, 4D, 5A, 5B, 5C, 5D
P
5A, 5B, 5C, 5D, 6A, 6B, 6C, 6D
R
7A, 7B, 7C, 7D, 8A, 8B, 8C, 8D
S
8A, 8B, 8C, 8D, 9A, 9B, 9C, 9D
0
1A, 1B, 1C, 1D, 2A, 2B, 2C, 2D, 3A, 3B, 3C, 3D, 4A, 4B, 4C, 4D, 5A, 5B, 5C, 5D, 6A, 6B,
6C, 6D
1
7A, 7B, 7C, 7D, 8A, 8B, 8C, 8D, 9A, 9B, 9C, 9D
Sub Bin
Chromaticity Coordinates
1A
x
0.2950
0.2920
0.2984
0.3009
y
0.2970
0.3060
0.3133
0.3042
1B
x
0.2920
0.2895
0.2962
0.2984
y
0.3060
0.3135
0.3220
0.3133
1C
x
0.2984
0.2962
0.3028
0.3048
y
0.3133
0.3220
0.3304
0.3207
1D
x
0.2984
0.3048
0.3068
0.3009
y
0.3133
0.3207
0.3113
0.3042
2A
x
0.3048
0.3130
0.3144
0.3068
y
0.3207
0.3290
0.3186
0.3113
2B
x
0.3028
0.3115
0.3130
0.3048
y
0.3304
0.3391
0.3290
0.3207
2C
x
0.3115
0.3205
0.3213
0.3130
y
0.3391
0.3481
0.3373
0.3290
2D
x
0.3130
0.3213
0.3221
0.3144
y
0.3290
0.3373
0.3261
0.3186
3A
x
0.3215
0.3290
0.3290
0.3222
y
0.3350
0.3417
0.3300
0.3243
3B
x
0.3207
0.3290
0.3290
0.3215
y
0.3462
0.3538
0.3417
0.3350
3C
x
0.3290
0.3376
0.3371
0.3290
y
0.3538
0.3616
0.3490
0.3417
3D
x
0.3290
0.3371
0.3366
0.3290
y
0.3417
0.3490
0.3369
0.3300
4A
x
0.3371
0.3451
0.3440
0.3366
y
0.3490
0.3554
0.3427
0.3369
4B
x
0.3376
0.3463
0.3451
0.3371
y
0.3616
0.3687
0.3554
0.3490
4C
x
0.3463
0.3551
0.3533
0.3451
y
0.3687
0.3760
0.3620
0.3554
4D
x
0.3451
0.3533
0.3515
0.3440
y
0.3554
0.3620
0.3487
0.3427
5A
x
0.3530
0.3615
0.3590
0.3512
y
0.3597
0.3659
0.3521
0.3465
5B
x
0.3548
0.3641
0.3615
0.3530
y
0.3736
0.3804
0.3659
0.3597
5C
x
0.3641
0.3736
0.3702
0.3615
y
0.3804
0.3874
0.3722
0.3659
5D
x
0.3615
0.3702
0.3670
0.3590
y
0.3659
0.3722
0.3578
0.3521
6A
x
0.3670
0.3702
0.3825
0.3783
y
0.3578
0.3722
0.3798
0.3646
6B
x
0.3702
0.3736
0.3869
0.3825


Similar Part No. - ASMT-UYBJ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UAB4 AVAGO-ASMT-UAB4 Datasheet
353Kb / 10P
   Surface Mount LED Indicator
ASMT-UAB4-PU802 AVAGO-ASMT-UAB4-PU802 Datasheet
353Kb / 10P
   Surface Mount LED Indicator
ASMT-UBB5 AVAGO-ASMT-UBB5 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
More results

Similar Description - ASMT-UYBJ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QWBF-NKL0E AVAGO-ASMT-QWBF-NKL0E Datasheet
131Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
ASMT-QYBG AVAGO-ASMT-QYBG Datasheet
182Kb / 9P
   High reliability package with enhanced silicone resin encapsulation
ASMT-UWBG AVAGO-ASMT-UWBG Datasheet
181Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
logo
OSRAM GmbH
LTRBR8SR-8A7B-0117 OSRAM-LTRBR8SR-8A7B-0117 Datasheet
796Kb / 25P
   SMD package with silicone resin
KRBTQDLP61.3A OSRAM-KRBTQDLP61.3A Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-RASR OSRAM-LTRB-RASR Datasheet
1Mb / 23P
   SMD package with silicone resin
LTRB-R8SF OSRAM-LTRB-R8SF Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRBR8SF-8A7B-0117 OSRAM-LTRBR8SF-8A7B-0117 Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRB-R8SR OSRAM-LTRB-R8SR Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRBRASF-5B5C-0112 OSRAM-LTRBRASF-5B5C-0112 Datasheet
1,002Kb / 23P
   SMD package with silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com