Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ10A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # KBJ10A
Description  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KBJ10A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  KBJ10A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KBJ10A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited KBJ10A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Silicon Bridge Rectifiers
KBJ10A--KBJ10M
Document Number: KJ6810AA
www.gmicroelec.com
1
FEATURES
Rating to 1000V PRV
Surge overload rating to 200 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Lead solderable per MIL-STD-202 method 208
MECHANCAL DATA
Polarity: Symbols molded on body
Weight: 0.23 ounces,6.6 grams
Mounting position: Any
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
KBJ10A
KBJ10B
KBJ10D
KBJ10G
KBJ10J
KBJ10K
KBJ10M
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward Output current
@TA=110℃
IF(AV)
10.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
IFSM
200.0
A
Thermal Characteristics
Characteristic
Symbol
KBJ10A
KBJ10B
KBJ10D
KBJ10G
KBJ10J
KBJ10K
KBJ10M
UNITS
Typical junction capacitance per element
CJ
55
p F
Typical thermal resistance
RθJC
1.4
℃/W
Operating junction temperature range
TJ
- 55 ---- + 150
Storage temperature range
TSTG
- 55 ---- + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
KBJ10A
KBJ10B
KBJ10D
KBJ10G
KBJ10J
KBJ10K
KBJ10M
UNITS
Maximum instantaneous forward voltage
@5.0A
VF
1.1
V
Maximum reverse current @TA=25 ℃
at rated DC blocking voltage @TA=100℃
IR
5.0
0.5
μA
mA
Pb
Lead-free


Similar Part No. - KBJ10A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ10A WTE-KBJ10A Datasheet
51Kb / 3P
   10A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ10A ZSELEC-KBJ10A Datasheet
84Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dc Components
KBJ10A DCCOM-KBJ10A Datasheet
476Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILCON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ10A DAESAN-KBJ10A Datasheet
241Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBJ10A BILIN-KBJ10A Datasheet
160Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBJ10A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com