Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M60496LACD Datasheet(PDF) 7 Page - MTRONPTI

Part # M60496LACD
Description  14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M60496LACD Datasheet(HTML) 7 Page - MTRONPTI

  M60496LACD Datasheet HTML 1Page - MTRONPTI M60496LACD Datasheet HTML 2Page - MTRONPTI M60496LACD Datasheet HTML 3Page - MTRONPTI M60496LACD Datasheet HTML 4Page - MTRONPTI M60496LACD Datasheet HTML 5Page - MTRONPTI M60496LACD Datasheet HTML 6Page - MTRONPTI M60496LACD Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
7
Date
Revision PCN Number Details of Revision
Product Revision Table
Load Circuit
Load Circuit #2 - HCMOS
M6049/M6050 Series
14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave
Precision TCXO/TCVCXO
Load Circuit #7 - Clipped Sinewave TCXO/TCVCXO
Forcustomproductsoradditionalspecificationscontactoursalesteamat
800.762.8800 (toll free) or 605.665.9321
For more information on this product visit the MtronPTI website at
www.mtronpti.com


Similar Part No. - M60496LACD

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M60496LACD MTRONPTI-M60496LACD Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
More results

Similar Description - M60496LACD

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M6049 MTRONPTI-M6049 Datasheet
708Kb / 7P
   14 Pin Dip, 3.3 & 5.0 Volt, HCMOS, Clipped Sinewave Precision TCXO/TCVCXO
M61601LTCN MTRONPTI-M61601LTCN Datasheet
809Kb / 7P
   5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
K1602SE MTRONPTI-K1602SE Datasheet
250Kb / 1P
   14 DIP, 5.0 Volt, Sinewave, TCVCXO
K1601 MTRONPTI-K1601_07 Datasheet
390Kb / 3P
   14 pin DIP, 5.0 Volt, Sinewave, TCXO
K1613 MTRONPTI-K1613_06 Datasheet
291Kb / 2P
   14 pin DIP, 3.3 Volt, Sinewave, TCXO
K1602SE MTRONPTI-K1602SE_07 Datasheet
274Kb / 2P
   14 DIP, 5.0 Volt, Sinewave, TCVCXO
K1601 MTRONPTI-K1601 Datasheet
324Kb / 2P
   14 pin DIP, 5.0 Volt, Sinewave, TCXO
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
OXO3030 MTRONPTI-OXO3030 Datasheet
196Kb / 1P
   1x1.25 inch, 3.3 & 5.0 Volt, HCMOS/Sinewave, TCXO
XO3080 MTRONPTI-XO3080_08 Datasheet
389Kb / 1P
   1.1x0.7 inch, 3.3 & 5.0 Volt, HCMOS/Sinewave, TCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com